Electronic Components Datasheet Search
  English  ▼

X  

PALCE29MA16 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # PALCE29MA16
Description  24-Pin EE CMOS Programmable Array Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29MA16 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button PALCE29MA16 Datasheet HTML 17Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 18Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 19Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 20Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 21Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 22Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 23Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 24Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 25Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AMD
2-370
PALCE29MA16H-25
PRELOAD
The PALCE29MA16 has the capability for product-term
Preload. When the global-preload product term is true,
the PALCE29MA16 will enter the preload mode. This
feature aids functional testing by allowing direct setting
of register states. The procedure for Preload is as
follows:
s Set the selected input pins to the user selected
preload condition.
s Apply the desired register value to the I/O pins.
This sets Q of the register. The value seen on the
I/O pin, after Preload, will depend on whether the
macrocell is active high or active low.
s Pulse the clock pin (pin 1).
s Remove the inputs to the I/O pins.
s Remove the Preload condition.
s Verify VOL/VOH for all output pins as per pro-
grammed pattern.
Because the Preload command is a product term, any
input to the array can be used to set Preload (including
I/O pins and registers). Preload itself will change the val-
ues of the I/O pins and registers. This will have unpre-
dictable results. Therefore, only dedicated input pins
should be used for the Preload command.
Parameter
Symbol
Parameter Description
Min
Rec.
Max
Unit
tD
Delay Time
0.5
1.0
5.0
µs
tW
Pulse Width
250
500
700
ns
tI/O
Valid Output
100
500
ns
tD
VIH
Inputs
I/O Pins
CLK
Pin 1 (2)
tD
tD
tW
VIL
VOH/VIH
VOL/VIL
VIL
VIH
tIO
Preload Mode
Data to be
Preloaded
08811G-42
Preload Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com