Electronic Components Datasheet Search
  English  ▼

X  

PALCE29MA16 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # PALCE29MA16
Description  24-Pin EE CMOS Programmable Array Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29MA16 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button PALCE29MA16 Datasheet HTML 5Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 6Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 7Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 8Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 9Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 10Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 11Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 12Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AMD
2-357
PALCE29MA16H-25
Power-Up Reset
All flip-flops power up to a logic LOW for predictable sys-
tem initialization. The outputs of the PALCE29MA16
depend on whether they are selected as registered or
combinatorial. If registered is selected, the output will be
LOW if programmed as active LOW and HIGH if pro-
grammed as active HIGH. If combinatorial is selected,
the output will be a function of the logic.
Preload
To simplify testing, the PALCE29MA16 is designed with
preload circuitry that provides an easy method for test-
ing logical functionality. Both product-term-controlled
and
supervoltage-enabled
preload
modes
are
available. The TTL-level preload product term can be
useful during debugging, where supervoltages may not
be available.
Preload allows any arbitrary state value to be loaded
into the registers/latches of the device. A typical func-
tional-test sequence would be to verify all possible state
transitions for the device being tested. This requires the
ability to set the state registers into an arbitrary “present
state” value and to set the device’s inputs into an arbi-
trary “present input” value. Once this is done, the state
machine is clocked into a new state, or “next state,”
which can be checked to validate the transition from the
“present state.” In this way any transition can be
checked.
Since preload can provide the capability to go directly to
any desired arbitrary state, test sequences may be
greatly shortened. Also, all possible states can be
tested, thus greatly reducing test time and development
costs and guaranteeing proper in-system operation.
Observability
The output register/latch observability product term,
when asserted, suppresses the combinatorial output
data from appearing on the I/O pin and allows the obser-
vation of the contents of the register/latch on the output
pin for each of the logic macrocells. This unique feature
allows for easy debugging and tracing of the buried state
machines. In addition, a capability of supervoltage ob-
servability is also provided.
Security Cell
A security cell is provided on each device to prevent un-
authorized copying of the user’s proprietary logic de-
sign. Once programmed, the security cell disables the
programming, verification, preload, and the obser-
vability modes. The only way to erase the protection cell
is by erasing the entire array and architecture cells, in
which case no proprietary design can be copied. (This
cell should be programmed only after the rest of the de-
vice has been completely programmed and verified.)
Programming and Erasing
The PALCE29MA16 can be programmed on standard
logic programmers. It may also be erased to reset a pre-
viously configured device back to its virgin state.
Erasure is automatically performed by the programming
hardware. No special erasure operation is required.
Quality and Testability
The PALCE29MA16 offers a very high level of built-in
quality. The erasability of the device provides a direct
means of verifying performance of all the AC and DC pa-
rameters. In addition, this verifies complete pro-
grammability and functionality of the device to yield the
highest programming yield and post-programming func-
tional yield in the industry.
Technology
The high-speed PALCE29MA16 is fabricated with
AMD’s advanced electrically-erasable (EE) CMOS
process. The array connections are formed with proven
EE cells. Inputs and outputs are designed to be compat-
ible with TTL devices. This technology provides strong
input-clamp diodes, output slew-rate control, and a
grounded substrate for clean switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com