Electronic Components Datasheet Search
  English  ▼

X  

S8425 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S8425
Description  BATTERY BACKUP SWITCHING IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8425 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S8425 Datasheet HTML 25Page - Seiko Instruments Inc S8425 Datasheet HTML 26Page - Seiko Instruments Inc S8425 Datasheet HTML 27Page - Seiko Instruments Inc S8425 Datasheet HTML 28Page - Seiko Instruments Inc S8425 Datasheet HTML 29Page - Seiko Instruments Inc S8425 Datasheet HTML 30Page - Seiko Instruments Inc S8425 Datasheet HTML 31Page - Seiko Instruments Inc S8425 Datasheet HTML 32Page - Seiko Instruments Inc S8425 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.1_01
S-8425 Series
29
Precautions
• In applications in which any one of IRO, IOUT, or ICH is small, the output voltages VRO, VOUT, and VCH may
rise, causing the load stability to exceed standard levels. Set IRO, IOUT, or ICH to 10
μA or more.
• Attach the proper capacitor to the VOUT pin to prevent the RESET voltage detector (which monitors the
VOUT pin) from becoming active due to undershoot.
• Watch for overshoot and ensure it does not exceed the ratings of the IC chips and/or capacitors
attached to the VRO, VOUT, and VCH pins.
• Add a 10 μF or more capacitor to the VOUT, VRO, and VCH pins.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.
• SII Semiconductor Corporation claims no responsibility for any and all disputes arising out of or in
connection with any infringement by products including this IC of patents owned by a third party.
Application Circuit
When Using Secondary Battery as Backup Battery
VCH
10
μF
RESET
CS
VSS
6 V
VIN
VBAT
VRO
S-8425
Series
+
+
3 V
0.1
μF
VCC
INT
Microcontroller
10
μF
+
100 k
Ω
100 k
Ω
RESET
VOUT
10
μF
+
10
μF
Caution
The above connection diagram and constant will not guarantee successful
operation. Perform thorough evaluation using the actual application to set the
constant.
Remark
The backup battery can be floating-recharged by using voltage regulator 3.
Figure 26 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com