Electronic Components Datasheet Search
  English  ▼

X  

S8425 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8425
Description  BATTERY BACKUP SWITCHING IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8425 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8425 Datasheet HTML 2Page - Seiko Instruments Inc S8425 Datasheet HTML 3Page - Seiko Instruments Inc S8425 Datasheet HTML 4Page - Seiko Instruments Inc S8425 Datasheet HTML 5Page - Seiko Instruments Inc S8425 Datasheet HTML 6Page - Seiko Instruments Inc S8425 Datasheet HTML 7Page - Seiko Instruments Inc S8425 Datasheet HTML 8Page - Seiko Instruments Inc S8425 Datasheet HTML 9Page - Seiko Instruments Inc S8425 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
BATTERY BACKUP SWITCHING IC
S-8425 Series
Rev.3.1_01
6
Absolute Maximum Ratings
Table 1 Absolute Maximum Ratings
(Ta
= 25°C, unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Primary power supply input voltage
VIN
VSS
−0.3 to VSS+18
V
Backup power supply input voltage
VBAT
VSS
−0.3 to VSS+18
V
Output voltage of voltage regulator
VRO, VOUT, VCH
VSS
−0.3 to VIN+0.3
V
CS output voltage
VCS
VSS
−0.3 to VSS+18
V
RESET output voltage
VRESET
V
Power
dissipation
8-Pin TSSOP
PD
300 (When not mounted on board)
mW
700*1
mW
8-Pin SON(B)
300 (When not mounted on board)
mW
750*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size: 114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name:JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could
suffer physical damage. These values must therefore not be exceeded under any
conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
600
400
200
0
Ambient Temperature Ta (
°C)
500
300
100
700
800
8-Pin TSSOP
8-Pin SON(B)
0
50
100
150
300
200
100
0
Ambient Temperature Ta (
°C)
400
8-Pin TSSOP
8-Pin SON(B)
Figure 3 Power Dissipation of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com