Electronic Components Datasheet Search
  English  ▼

X  

S8425 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S8425
Description  BATTERY BACKUP SWITCHING IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8425 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S8425 Datasheet HTML 28Page - Seiko Instruments Inc S8425 Datasheet HTML 29Page - Seiko Instruments Inc S8425 Datasheet HTML 30Page - Seiko Instruments Inc S8425 Datasheet HTML 31Page - Seiko Instruments Inc S8425 Datasheet HTML 32Page - Seiko Instruments Inc S8425 Datasheet HTML 33Page - Seiko Instruments Inc S8425 Datasheet HTML 34Page - Seiko Instruments Inc S8425 Datasheet HTML 35Page - Seiko Instruments Inc S8425 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
BATTERY BACKUP SWITCHING IC
S-8425 Series
Rev.3.1_01
32
1.4 Output Current (IRO) vs. Dropout Voltage
(Vdrop1) Characteristics
1.5 Output Current (IOUT) vs. Dropout Voltage
(Vdrop2) Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
0
0.02
0.04
0.06
IRO (A)
Ta
= 85°C
25
°C
− 40°C
0.0
0.2
0.4
0.6
0.8
1.0
0
0.02
0.04
0.06
IOUT (A)
Ta = 85
°C
25
°C
−40°C
1.6 Output Current (ICH) vs. Dropout Voltage
(Vdrop3) Characteristics
0.0
0.4
0.8
1.2
1.6
2.0
0
0.02
0.04
0.06
ICH (A)
Ta = 85
°C
25
°C
−40°C
1.7 Output Current (IRO) vs. Output Voltage
(VRO) Characteristics
1.8 Output Current (IOUT) vs. Output Voltage
(VOUT) Characteristics
2.8
2.9
3.0
3.1
3.2
1 μ
100 μ
10 m
1
IRO (A)
Ta
= −40°C
25
°C
85
°C
VIN
= 6 V
2.8
2.9
3.0
3.1
3.2
1 μ
100 μ
10 m
1
IOUT (A)
Ta
= −40°C
25
°C
85
°C
VIN
= 6 V
1.9 Output Current (IOUT) vs. Output Voltage
(VCH) Characteristics
2.8
2.9
3.0
3.1
3.2
1 μ
100 μ
10 m
1
ICH (A)
Ta
= −40°C
25
°C
85
°C
VIN
= 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com