Electronic Components Datasheet Search
  English  ▼

X  

S8425 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8425
Description  BATTERY BACKUP SWITCHING IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8425 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8425 Datasheet HTML 1Page - Seiko Instruments Inc S8425 Datasheet HTML 2Page - Seiko Instruments Inc S8425 Datasheet HTML 3Page - Seiko Instruments Inc S8425 Datasheet HTML 4Page - Seiko Instruments Inc S8425 Datasheet HTML 5Page - Seiko Instruments Inc S8425 Datasheet HTML 6Page - Seiko Instruments Inc S8425 Datasheet HTML 7Page - Seiko Instruments Inc S8425 Datasheet HTML 8Page - Seiko Instruments Inc S8425 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
S-8425 Series
www.sii-ic.com
BATTERY BACKUP SWITCHING IC
© SII Semiconductor Corporation, 2002-2015
Rev.3.1_01
1
The S-8425 Series is a CMOS IC designed for use in the switching circuits of primary and backup power
supplies on a single chip. It consists of three voltage regulators, two voltage detectors, a power supply switch
and its controller, as well as other functions.
In addition to the function for switching between the primary and backup power supply, the S-8425 Series can
provide microcontrollers with two types of voltage detection output signals corresponding to the power supply
voltage.
Moreover, adopting a special sequence for switch control enables the effective use of the backup power supply,
making this IC ideal for configuring a backup system.
Features
• Low power consumption
Normal operation: 15
μA max. (VIN = 6 V)
Backup:
2.1
μA max.
• Voltage regulator
Output voltage tolerance :
±2%
Output voltage:
Independently selectable in 0.1 V steps in the range of 2.3 V to 5.4 V
• Two built-in voltage detectors (CS, RESET)
Detection voltage tolerance:
±2%
Detection voltage: Selectable in 0.1 V steps in the range of 2.4 V to 5.3 V (CS voltage detector)
Selectable in 0.1 V steps in the range of 1.7 V to 3.4 V (RESET voltage detector)
• RESET release delay: 300 μs min.
• Switching circuit for primary power supply and backup power supply configurable on one chip
• Efficient use of backup power supply possible
• Special sequence
Backup voltage is not output when the primary power supply voltage does not reach the initial
voltage at which the switch unit operates.
• Lead-free, Sn 100%, halogen-free*1
*1. Refer to “ Product Name Structure” for details.
Packages
• 8-Pin TSSOP
• 8-Pin SON(B)
Applications
• Camcorders
• Digital cameras
• Memory cards
• SRAM backup equipment


Similar Part No. - S8425

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S842 SSOUSA-S842 Datasheet
166Kb / 4P
1 Form A Solid State Relay
S842 SSOUSA-S842 Datasheet
166Kb / 4P
1 Form A Solid State Relay
logo
List of Unclassifed Man...
S842 ETC2-S842 Datasheet
151Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
logo
Solid State Optronic
S842-X SSOUSA-S842-X Datasheet
275Kb / 7P
Zero-Volt Cross Switching
logo
Springmasters Ltd
S84202 SPRINGMASTERS-S84202 Datasheet
57Kb / 3P
Stainless Disc Springs
More results

Similar Description - S8425

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
Battery Backup IC
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
BATTERY BACKUP IC
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
Battery Backup Switching IC
NJU7287 NJRC-NJU7287 Datasheet
204Kb / 11P
Battery Backup Switching IC
logo
Seiko Instruments Inc
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
BATTERY BACKUP SWITCHING IC
S8424A SII-S8424A Datasheet
2Mb / 46P
BATTERY BACKUP SWITCHING IC
S8426A SII-S8426A Datasheet
1Mb / 37P
BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
BATTERY BACKUP SWITCHING IC
Rev.4.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com