Electronic Components Datasheet Search
  English  ▼

X  

S8425 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8425
Description  BATTERY BACKUP SWITCHING IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8425 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8425 Datasheet HTML 4Page - Seiko Instruments Inc S8425 Datasheet HTML 5Page - Seiko Instruments Inc S8425 Datasheet HTML 6Page - Seiko Instruments Inc S8425 Datasheet HTML 7Page - Seiko Instruments Inc S8425 Datasheet HTML 8Page - Seiko Instruments Inc S8425 Datasheet HTML 9Page - Seiko Instruments Inc S8425 Datasheet HTML 10Page - Seiko Instruments Inc S8425 Datasheet HTML 11Page - Seiko Instruments Inc S8425 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
BATTERY BACKUP SWITCHING IC
S-8425 Series
Rev.3.1_01
8
S-8425AAGFT
Table 3 Electrical Characteristics
(Ta
= 25°C, Unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage 1
VRO
VIN
= 7.2 V, IRO = 3 mA
2.940
3.000
3.060
V
1
Dropout voltage 1
Vdrop1
IRO
= 3 mA
−
41
59
mV
Load stability 1
ΔVRO1
VIN
=7.2 V, IRO = 100 μA to 20 mA
−
50
100
mV
Input stability 1
ΔVRO2
VIN
= 4 V to 16 V, IRO = 3 mA
−
5
20
mV
Output voltage temperature coefficient 1
RO
RO
V
Ta
V
•
Δ
Δ
Ta
= −40°C to +85°C
−
±100
−
ppm/
°C
Output voltage 2
VOUT
VIN
= 7.2 V, IOUT = 23 mA
2.744
2.800
2.856
V
Dropout voltage 2
Vdrop2
IOUT
= 23 mA
−
187
252
mV
Load stability 2
ΔVOUT1
VIN
= 7.2 V, IOUT = 100 μA to 60 mA
−
50
100
mV
Input stability 2
ΔVOUT2
VIN
= 3.8 V to 16 V, IOUT = 23 mA
−
5
20
mV
Output voltage temperature coefficient 2
OUT
OUT
V
Ta
V
•
Δ
Δ
Ta
= −40°C to +85°C
−
±100
−
ppm/
°C
Output voltage 3
VCH
VIN
= 7.2 V, ICH = 3 mA
2.744
2.800
2.856
V
Dropout voltage 3
Vdrop3
ICH
= 3 mA
−
90
120
mV
Load stability 3
ΔVCH1
VIN
= 7.2 V, ICH = 100 μA to 10 mA
−
50
100
mV
Input stability 3
ΔVCH2
VIN
= 3.8 V to 16 V, ICH = 3 mA
−
5
20
mV
Output voltage temperature coefficient 3
CH
CH
V
Ta
V
•
Δ
Δ
Ta
= −40°C to +85°C
−
±100
−
ppm/
°C
Primary power input voltage
VIN
−
−
−
16
V
CS detection voltage
−VDET1
VIN voltage detection
4.214
4.300
4.386
V
2
CS release voltage
+VDET1
−
4.335
4.441
4.548
V
RESET detection voltage
−VDET2
VOUT voltage detection
1.764
1.800
1.836
V
RESET
release voltage
+VDET2
−
1.835
1.880
1.925
V
RESET
release delay time
tDELAY
−
0.3
0.8
−
ms
9
Operating voltage
Vopr
VIN or VBAT
1.7
−
16
V
2
Detection voltage temperature coefficient
)
V
(
Ta
V
1
DET
1
DET
−
•
Δ
−
Δ
Ta
= −40°C to +85°C
−
±100
−
ppm/
°C
)
V
(
Ta
V
2
DET
2
DET
−
•
Δ
−
Δ
Ta
= −40°C to +85°C
−
±100
−
ppm/
°C
Sink current
ISINK
VDS
= 0.5 V
VIN
= VBAT = 2.0 V
RESET
1.50
2.30
−
mA
3
CS
1.50
2.30
−
mA
Leakage current
ILEAK
VDS
= 16 V, VIN = 16 V
−
−
0.1
μA
Switch voltage
VSW1
VBAT
= 2.8 V, VIN voltage detection
+VDET1
× 0.83
+VDET1
× 0.85
+VDET1
× 0.87
V
4
CS output inhibit voltage
VSW2
VBAT
= 3 V, VOUT voltage detection
VOUT
× 0.93
VOUT
× 0.95
VOUT
× 0.97
V
5
VBAT switch leakage current
ILEAK
VIN
= 3.6 V, VBAT = 0 V
−
−
0.1
μA
6
VBAT switch resistance
RSW
VIN
= Open, VBAT = 3 V,
IOUT
= 10 μA to 500 μA
−
30
60
Ω
7
Switch voltage temperature coefficient
1
SW
1
SW
V
Ta
V
•
Δ
Δ
Ta
= −40°C to +85°C
−
±100
−
ppm/
°C
4
CS output inhibit voltage temperature
coefficient
2
SW
2
SW
V
Ta
V
•
Δ
Δ
Ta
= −40°C to +85°C
−
±100
−
ppm/
°C
5
Current consumption
ISS1
VIN
= 3.6 V, Unload
−
7
15
μA
8
IBAT1
VBAT
= 3 V
−
−
0.1
μA
IBAT2
VIN
= Open, VBAT = 3 V
Ta
= 25°C
−
1.0
2.1
μA
Unload
Ta
= 85°C
−
−
3.5
μA
Backup power supply input voltage
VBAT
−
2.0
−
4.0
V
7
Remark
The number in the Test Circuit column corresponds to the circuit number in the Test Circuits section.
S
w
i
t
c
h
u
n
i
t
V
o
l
t
a
g
e
r
e
g
u
l
a
t
o
r
T
o
t
a
l
V
o
l
t
a
g
e
d
e
t
e
c
t
o
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com