Electronic Components Datasheet Search
  English  ▼

X  

S8425 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S8425
Description  BATTERY BACKUP SWITCHING IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8425 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S8425 Datasheet HTML 9Page - Seiko Instruments Inc S8425 Datasheet HTML 10Page - Seiko Instruments Inc S8425 Datasheet HTML 11Page - Seiko Instruments Inc S8425 Datasheet HTML 12Page - Seiko Instruments Inc S8425 Datasheet HTML 13Page - Seiko Instruments Inc S8425 Datasheet HTML 14Page - Seiko Instruments Inc S8425 Datasheet HTML 15Page - Seiko Instruments Inc S8425 Datasheet HTML 16Page - Seiko Instruments Inc S8425 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.1_01
S-8425 Series
13
3.2 VSW2 Detector
The VSW2 detector monitors the VOUT pin voltage and keeps the CS release voltage output low until the
VOUT pin voltage rises to VSW2 voltage. The CS pin output then changes from low to high if the VIN pin
voltage is more than the CS release voltage (
+VDET1) when the VOUT pin voltage rises to 95 ±2% of the
output voltage of voltage regulator 2 (VOUT). The CS pin output changes from high to low regardless of the
VSW2 voltage when the VIN pin voltage drops to less than the CS detection voltage (
−VDET1).
The CS pin output remains high if the VIN pin voltage stays higher than the CS detection voltage
(
−VDET1) when the VOUT pin voltage drops to less than the VSW2 voltage due to an undershoot.
3.3 Switch Controller
The switch controller controls voltage regulator 2 and switch transistor M1. There are two statuses
corresponding to the power supply voltage VIN (or power supply voltage VBAT) sequence: a special
sequence status and a normal sequence status. When the power supply voltage VIN rises and becomes
equal to or exceeds the CS release voltage (
+VDET1), the normal sequence status is entered, but until then
the special sequence status is maintained.
(1) Special sequence status
The switch controller sets voltage regulator 2 ON and switch transistor M1 OFF from the initial status
until the primary power supply voltage VIN is connected and reaches more than the CS release voltage
(
+VDET1) in order to prevent consumption of the backup power supply regardless of the VSW1 detector
status. This status is called the special sequence status.
(2) Normal sequence status
The switch controller enters the normal sequence status from the special sequence status once the
primary power supply voltage VIN reaches more than the CS release voltage (
+VDET1).
Once the normal sequence is entered, the switch controller switches voltage regulator 2 and switch
transistor M1 ON/OFF as shown in Table 4 according to the power supply voltage VIN. The time
required for voltage regulator 2 to be switched from OFF to ON is a few hundred
μs at most. During this
interval, voltage regulator 2 and switch transistor M1 may both switch OFF and the VOUT pin voltage
may drop. To prevent this, connect a capacitor of 10
μF or more to the VOUT pin.
When the VOUT pin voltage becomes lower than the RESET detection voltage, the status returns to the
special sequence status.
Table 4 ON/OFF Switching of Voltage Regulator 2 and Switch Transistor M1
According to Power Supply Voltage VIN
Power Supply Voltage VIN
Voltage Regulator 2
Switch Transistor M1
VOUT Pin Voltage
VIN
> VSW1
ON
OFF
VOUT
VIN
< VSW1
OFF
ON
VBAT
− Vdif



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com