Electronic Components Datasheet Search
  English  ▼

X  

S8425 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8425
Description  BATTERY BACKUP SWITCHING IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8425 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8425 Datasheet HTML 8Page - Seiko Instruments Inc S8425 Datasheet HTML 9Page - Seiko Instruments Inc S8425 Datasheet HTML 10Page - Seiko Instruments Inc S8425 Datasheet HTML 11Page - Seiko Instruments Inc S8425 Datasheet HTML 12Page - Seiko Instruments Inc S8425 Datasheet HTML 13Page - Seiko Instruments Inc S8425 Datasheet HTML 14Page - Seiko Instruments Inc S8425 Datasheet HTML 15Page - Seiko Instruments Inc S8425 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
BATTERY BACKUP SWITCHING IC
S-8425 Series
Rev.3.1_01
12
2.2 RESET Voltage Detector
The RESET voltage detector monitors the output voltage VOUT (VOUT pin voltage). The detection voltage
can be selected from between 1.7 V and 3.4 V in 0.1 V steps. The result of detection is output at the
RESET pin: “Low” for a lower voltage than the detection level and “High” for a higher voltage than the
release level. RESET outputs the normal logic if the VOUT pin voltage is 1.0 V or more.
The S-8425 Series incorporates a
RESET release delay circuit.
[RESET release delay time (tDELAY)]
The interval from when the VOUT pin voltage exceeds the RESET release voltage value (
+VDET2) until the
output of the RESET pin is actually inverted is called the RESET release delay time.
Figure 7 Definition of RESET Release Delay Time (tDELAY)
3. Switch Unit
The switch unit consists of the VSW1 and VSW2
detectors, a switch controller, voltage regulator 2,
and switch transistor M1 (see Figure 8 Switch
Unit
).
3.1 VSW1 Detector
The VSW1 detector monitors the power supply
voltage VIN and sends the results of detection to
the switch controller. The detection voltage
(VSW1) can be set to 77
±2% or 85 ±2% of the CS
release voltage
+VDET1.
Figure 8 Switch Unit
tDELAY
+VDET2
VOUT
VRESET
V
t
VOUT
M1
VBAT
VIN
Switch
controller
VSW1
detector
VSW2
detector
REG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com