Electronic Components Datasheet Search
  English  ▼

X  

S8425 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S8425
Description  BATTERY BACKUP SWITCHING IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8425 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S8425 Datasheet HTML 5Page - Seiko Instruments Inc S8425 Datasheet HTML 6Page - Seiko Instruments Inc S8425 Datasheet HTML 7Page - Seiko Instruments Inc S8425 Datasheet HTML 8Page - Seiko Instruments Inc S8425 Datasheet HTML 9Page - Seiko Instruments Inc S8425 Datasheet HTML 10Page - Seiko Instruments Inc S8425 Datasheet HTML 11Page - Seiko Instruments Inc S8425 Datasheet HTML 12Page - Seiko Instruments Inc S8425 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.1_01
S-8425 Series
9
Test Circuits
1.
2.
3.
4.
Measure the value after applying 6 V to VIN.
5.
6.
7.
8.
Leave open and measure the value after applying 6 V to VIN.
To measure IBAT2, apply 6 V to VIN and then leave VIN open
and measure IBAT.
9.
Figure 4 Test Circuits
VIN
VSS
VBAT
A
VIN
VSS
RESET
VIN
VBAT
V
VOUT
V
V
CS
100 k
Ω
VIN
100 k
Ω
VDS
VIN
VSS
CS
RESET
A
A
VBAT VOUT
VBAT
VIN
VOUT
VIN
VSS
VBAT
V
V
VOUT
VIN
VSS
CS
F.G.
VBAT
VBAT
Oscilloscope
Oscilloscope
100 k
Ω
VIN
↓
V
VRO, VOUT
or VCH
VIN
VSS
↓
IOUT
VBAT
VOUT
VIN
VSS
VBAT
V
VIN
VBAT
VIN
VIN
VSS
VBAT
A
A
IBAT
ISS
VSS
RESET
VIN
VOUT
100 k
Ω
Oscilloscope
10
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com