Electronic Components Datasheet Search
  English  ▼

X  

S8425 Datasheet(PDF) 37 Page - Seiko Instruments Inc

Part # S8425
Description  BATTERY BACKUP SWITCHING IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8425 Datasheet(HTML) 37 Page - Seiko Instruments Inc

Back Button S8425 Datasheet HTML 33Page - Seiko Instruments Inc S8425 Datasheet HTML 34Page - Seiko Instruments Inc S8425 Datasheet HTML 35Page - Seiko Instruments Inc S8425 Datasheet HTML 36Page - Seiko Instruments Inc S8425 Datasheet HTML 37Page - Seiko Instruments Inc S8425 Datasheet HTML 38Page - Seiko Instruments Inc S8425 Datasheet HTML 39Page - Seiko Instruments Inc S8425 Datasheet HTML 40Page - Seiko Instruments Inc S8425 Datasheet HTML 41Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
BATTERY BACKUP SWITCHING IC
Rev.3.1_01
S-8425 Series
37
4. Current Consumption
4.1 VIN vs. VIN Current Consumption (ISS1)
Characteristics
4.2 VBAT vs. VBAT2 Current Consumption (IBAT2)
Characteristics
Ta = 85°C
25
°C
−40°C
0
4
8
12
16
02
46
8
10
12 14
16
18
VIN (V)
0.0
0.5
1.0
1.5
2.0
2.0
2.4
2.8
3.2
3.6
4.0
VBAT (V)
Ta = 85°C
25
°C
−40°C
4.3 Current Consumption Temperature
Characteristics
(1) ISS1
(2) IBAT2
0
4
8
12
16
Ta (
°C)
−40 −20
0
20
40
80
60
100
VIN = 6.0 V, VBAT = 3.0 V
0.0
0.5
1.0
1.5
2.0
Ta (
°C)
−40
−20
0
20
40
80
60
100
VIN = open, VBAT = 3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com