Electronic Components Datasheet Search
  English  ▼

X  

BT856 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # BT856
Description  YCrCb or RGB to NTSC/PAL Digital Video Encoder
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT856 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button BT856 Datasheet HTML 17Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 18Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 19Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 20Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 21Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 22Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 23Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 24Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Brooktree®
15
CIRCUIT DESCRIPTION
Video Timing
Bt856/7
Noninterlaced Operation
The device can be operated in noninterlaced mode by setting the INTERLACE pin
to a logical zero. When in noninterlaced master mode, the Bt856/7 always displays
the odd-field, meaning that the falling edges of HSYNC* and VSYNC* will be
output coincidentally. FIELD will change state with each VSYNC* edge. Addi-
tionally, a 30 Hz offset will be subtracted from the color subcarrier frequency
while in NTSC/PAL–M mode so that the color subcarrier phase will be inverted
from field to field. Subcarrier phase is reset to zero upon rising RESET* and every
4 fields of NTSC/PAL–M or 8 fields of PAL–B, D, G, H, I, N, N-Argentina, unless
bit D3 in register 0xDE is a logical one.
Transition from interlaced to noninterlaced in master mode, occurs during odd
fields to prevent synchronization disturbance. In slave mode, transition occurs af-
ter a subsequent falling edge of VSYNC*.
NOTE:
Consumer VCRs can record noninterlaced video with minor noise arti-
facts, but special effects (e.g., scan > 2x) may not function properly.
Power-Down Mode
In power-down mode (SLEEP pin set to 1), register states are preserved, but other
chip functionality (including I2C communication) is disabled.
This mode should be set when the Bt856/7 may be subjected to clock and data
frequencies outside its functional range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com