Electronic Components Datasheet Search
  English  ▼

X  

BT856 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # BT856
Description  YCrCb or RGB to NTSC/PAL Digital Video Encoder
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT856 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button BT856 Datasheet HTML 39Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 40Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 41Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 42Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 43Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 44Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 45Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 46Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
Brooktree®
38
PC BOARD CONSIDERATIONS
Applications Information
Bt856/7
Applications Information
ESD and Latchup
Considerations
Correct ESD-sensitive handling procedures are required to prevent device damage.
Device damage can produce symptoms of catastrophic failure or erratic device be-
havior with leaky inputs.
All logic inputs should be held low until power to the device has settled to the
specified tolerance. DAC power decoupling networks with large time constants
should be avoided; they could delay VAA power to the device. Ferrite beads must
be used only for analog power VAA decoupling. Inductors cause a time constant
delay that induces latchup.
Latchup can be prevented by ensuring that all VAA and GND pins are at the
same potential and that the VAA supply voltage is applied before the signal pin
voltages. The correct power-up sequence ensures that any signal pin voltage will
never exceed the power supply voltage.
Sync and Burst Timing
Table 9 lists the resolutions and clock rates for the various modes of operation.
Table 10 lists the horizontal counter values for the end of horizontal sync, start
of color burst, end of color burst, and the first active pixel for the various modes of
operation. The front porch is the interval before the next expected falling HSYNC*
when outputs are automatically blanked.
The horizontal sync width is measured between the 50% points of the falling
and rising edges of horizontal sync.
The start of color burst is measured between the 50% point of the falling edge
of horizontal sync and the first 50% point of the color burst amplitude (nominally
+20 IRE for NTSC/PAL–M and 150 mV for PAL–B, D, G, H, I, N, N-Argentina
above the blanking level).
The end of color burst is measured between the 50% point of the falling edge of
horizontal sync and the last 50% point of the color burst envelope (nominally +20
IRE for NTSC/PAL–M and 150 mV for PAL–B, D, G, H, I, N, N-Argentina above
the blanking level).
Table 9. Field Resolutions and Clock Rates for Various Modes of Operation
Operating Mode
Active Resolution
(pixels)
Total Resolution
(pixels)
CLKX1 Frequency
(MHz)
NTSC/PAL–M CCIR601
PAL–B, D, G, H, I, N, N–Argentina CCIR601
NTSC Square PIXEL (Note 1)
PAL–B, D, G, H, I, N, N–Argentina SQUARE
PIXEL (Note 1)
720 x 240
720 x 288
640 x 240
768 x 288
858 x 262
864 x 312
780 x 262
944 x 312
13.5000
13.5000
12.2727
14.7500
Note 1: PAL–M and PAL–N (Argentina) not available in square pixel format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com