Electronic Components Datasheet Search
  English  ▼

X  

BT856 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # BT856
Description  YCrCb or RGB to NTSC/PAL Digital Video Encoder
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT856 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button BT856 Datasheet HTML 45Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 46Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 47Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 48Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 49Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 50Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 51Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 52Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
Brooktree®
45
PARAMETRIC INFORMATION
AC Characteristics
Bt856/7
AC Characteristics
Table 14. AC Characteristics
(1 of 2)
Parameter
EIA/TIA
250C Ref
Symbol
Min
Typ
Max
Units
Hue Accuracy (Note 1, Note 3)
Color Saturation Accuracy (Note 1, Note 3)
Chroma AM/PM Noise (Note 3)
1 MHz
Red Field
1.5
1.5
–62
2.5
2.0
± °
± %
dB rms
Differential Gain (Note 2)
Differential Phase (Note 2)
SNR (unweighted 100 IRE Y Ramp Tilt
Correct) (Note 2)
RMS
Peak Periodic
100 IRE Multiburst (Note 3)
Chroma/Luma Gain Ineq (Note 3)
Chroma/Luma Delay Ineq (Note 3)
Short Time Distortion 100IRE/PIXEL (Note 3)
Luminance Nonlinearity (Note 2)
Chroma/Luma Intermod (Note 2)
Chroma Nonlinear Gain (Note 2)
Chroma Nonlinear Phase (Note 2)
6.2.2.1
6.2.2.2
6.3.1
6.3.2
6.1.1
6.1.2.2
6.1.2
6.1.6
6.2.1
6.2.3
6.2.4.1
6.2.4.2
55
–6
–1.0
–1.0
1.5
1.0
60
56
–2.2
–5
4
0
2
0.1
6
3
1.0
1.0
% p–p
° p–p
dB rms
dB p-p
± IRE
± IRE
ns
%
%
± IRE
± IRE
± °
Pixel/Control Setup Time (Note 4)
Pixel/Control Hold Time (Note 4)
YCMODE/GAMMA* Setup Time (Note 5)
YCMODE/GAMMA* Hold Time (Note 5)
Control Output Delay Time (Note 4)
Control Output Hold Time (Note 4)
1
2
1
2
3
4
7
3
6
4
2
17
ns
ns
ns
ns
ns
ns
CLOCK Frequency (I/T)
CLKX1 Setup Time
CLKX1 Hold Time
CLKX2 Frequency
CLKX2 Pulse Width Low Time
CLKX2 Pulse Width High Time
Fin
5
6
12.27
8
0
24.54
8
8
14.75
29.50
MHz
ns
ns
MHz
ns
ns
“Recommended Operating Conditions,” NTSC CCIR 601 operation, and CLKX1 frequency = 13.5 MHz. Analog output
load
≤ 75 pF. HSYNC*, VSYNC*, BLANK*, and FIELD output load ≤ 75 pF. As the above parameters are guaranteed
over the full temperature range, temperature coefficients are not specified or required. Typical values are based on nom-
inal temperature, i.e., room temperature, and nominal voltage, i.e., 5 V. Video input and output timing is shown in
Figures 18 and 19.
Notes: 1. 75/7.5/75/7.5 Color bars normalized to burst.
2. Guaranteed by characterization.
3. Without post filter. Guaranteed by design.
4. Control pins are defined as: R0–R7, G0–G7, B0–B7, BLANK*, HSYNC*, VSYNC*, FIELD, YCMODE,
GAMMA*.
5. For YCMODE and GAMMA* inputs in 8-bit YC mode ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com