Electronic Components Datasheet Search
  English  ▼

X  

BT856 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # BT856
Description  YCrCb or RGB to NTSC/PAL Digital Video Encoder
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT856 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button BT856 Datasheet HTML 37Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 38Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 39Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 40Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 41Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 42Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 43Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 44Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
Brooktree®
36
PC BOARD CONSIDERATIONS
Decoupling
Bt856/7
Decoupling
Device Decoupling
For optimum performance, all capacitors should be located as close as possible to
the device, and the shortest possible leads (consistent with reliable operation)
should be used to reduce the lead inductance. Chip capacitors are recommended
for minimum lead inductance. Radial lead ceramic capacitors may be substituted
for chip capacitors and are better than axial lead capacitors for self-resonance. Val-
ues are chosen to have self-resonance above the pixel clock.
Power Supply
Decoupling
The best power supply performance is obtained with a 0.1
µF ceramic capacitor
decoupling each group of VAA pins to GND. The capacitors should be placed as
close as possible to the device VAA and GND pins and connected with short, wide
traces.
The 47
µF capacitor shown in Figures 15 and 16 is for low-frequency power
supply ripple; the 0.1
µF capacitors are for high-frequency power supply noise
rejection.
When a linear regulator is used, the power-up sequence must be verified to pre-
vent latchup. A linear regulator is recommended to filter the analog power supply
if the power supply noise is greater than or equal to 200 mV. This is especially im-
portant when a switching power supply is used, and the switching frequency is
close to the raster scan frequency. About 5% of the power supply hum and ripple
noise less than 1 MHz will couple onto the analog outputs.
COMP Decoupling
The COMP pin must be decoupled to VAA pin 66, typically with a 0.1
µF ceramic
capacitor. Low-frequency supply noise will require a larger value. The COMP ca-
pacitor must be as close as possible to the COMP and VAA pins. A surface-mount
ceramic chip capacitor is preferred for minimal lead inductance. Lead inductance
degrades the noise rejection of the circuit. Short, wide traces will also reduce lead
inductance.
VREF _IN Decoupling
A 0.1
µF ceramic capacitor should be used to decouple this input to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com