Electronic Components Datasheet Search
  English  ▼

X  

BT856 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # BT856
Description  YCrCb or RGB to NTSC/PAL Digital Video Encoder
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT856 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button BT856 Datasheet HTML 19Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 20Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 21Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 22Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 23Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 24Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 25Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 26Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Brooktree®
17
CIRCUIT DESCRIPTION
Pixel Input Ranges and Colorspace Conversion
Bt856/7
YC Inputs (4:2:2 YCrCb)
Y has a nominal range of 16–235; Cb and Cr have a nominal range of 16–240, with
128 equal to zero. Values of 0 and 255 are interpreted as 1 and 254, respectively. Y
values of 1–15 and 236–254, and CrCb values of 1–15 and 241–254, are interpret-
ed as valid linear values.
Alternatively, software bit D5 of register 0xDC can alter pixel scaling and dis-
able or enable the 7.5 IRE setup. When this bit is enabled, PAL–B, D, G, H, I, N,
N-Argentina video can be generated using NTSC/PAL–M blanking levels and 7.5
IRE setup, and NTSC/PAL–M pixel scaling is performed (Y range of 16-235 rep-
resents 7.5-100 IRE); or, NTSC/PAL–M video can be generated using PAL–B, D,
G, H, I, N, N-Argentina scaling (Y range of 16-235 represents 0-100 IRE) without
the 7.5 IRE setup. NTSC/PAL–M mode with setup disabled has 2% less
black-to-white range than NTSC/PAL–M mode with setup enabled.
For RGBOUT mode, 4:2:2 YCrCb digital component video will be used to gen-
erate composite video and will be converted to the RGB colorspace to drive the
RGB DACs. The Y input range of 16–235 will produce a range of 0.7 V at the out-
put. Since YC values outside of the nominal range are allowed, the black level is
raised above zero volts to allow for Y values less than 16, and the output range of
the DACs can exceed 0.7 V to allow for Y values above 235. The conversion is lin-
early scaled in the overshoot and undershoot regions. The following matrix, based
on CCIR 601, is used to convert YCrCb to RGB:
R = Y + 1.371*Cr
G = Y – 0.699*Cr – 0.337*Cb
B = Y + 1.733*Cb
Values are rounded to 9-bits at the DAC.
An averaging interpolation filter is available to upsample the RGB pixel stream.
Upsampling is enabled or disabled in either of two ways: with the GAMMA* pin
or with software bit D2 of register 0xDA. The pin-override switch (bit D4 of reg-
ister 0xDC) determines which method has priority: if the override is high, then
software is used; if the override is low, then the GAMMA* pin is used. In both cas-
es (GAMMA* pin or bit D2 of register 0xDA), a logical low enables upsampling
and a logical high disables upsampling. The pipeline delay is the same regardless
of whether upsampling is active or not (please see AC Characteristics for pipeline
delay).
DAC Coding
White is represented by a DAC code of 400. For PAL–B, D, G, H, I, N, N-Argen-
tina, the standard blanking level is represented by a DAC code of 120. For
NTSC/PAL–M, with setup enabled (bit D5 of register 0xDC is ‘0’), the standard
blanking level is represented by a DAC code of 114, 1 IRE is equivalent to a DAC
code of 2.857. For NTSC/PAL–M with setup disabled (bit D5 of register 0xDC is
‘1’), the standard blanking level is represented by a DAC code of 112, 1 IRE is
equivalent to a DAC code of 2.800.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com