Electronic Components Datasheet Search
  English  ▼

X  

BT856 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # BT856
Description  YCrCb or RGB to NTSC/PAL Digital Video Encoder
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT856 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button BT856 Datasheet HTML 43Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 44Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 45Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 46Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 47Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 48Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 49Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 50Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
Brooktree®
43
PARAMETRIC INFORMATION
DC Electrical Parameters
Table 11. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply
VAA
4.75
5.00
5.25
V
Ambient Operating Temperature
TA
0
70
°C
DAC Output Load (Note 1)
RL
37.5
Ω
Nominal RSET
using internal VREF
using external VREF (1.23 V)
RSET
71.5
73.2
Ω
Ω
External VREF
VREF
1.15
1.235
1.32
V
Note 1:
DC component not to exceed 80
Ω.
Table 12. Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Units
VAA (measured to GND)
7.0
V
Voltage on Any Signal Pin (Note 1)
GND –0.5
VAA + 0.5
V
Analog Output Short Circuit Duration to Any Power
Supply or Common
ISC
Indefinite
Ambient Operating Temperature
TA
–55
+125
°C
Storage Temperature
TS
–65
+150
°C
Junction Temperature
TJ
+150
°C
Vapor Phase Soldering (1 Minute)
TVSOL
220
°C
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at these or any other conditions above those listed in the oper-
ational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended peri-
ods may affect device reliability.
Note 1:
This device employs high-impedance CMOS devices on all signal pins. It should be handled as an ESD-sen-
sitive device. Voltage on any signal pin that exceeds the power supply or ground voltage by more than 0.5 V
can cause destructive latchup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com