Electronic Components Datasheet Search
  English  ▼

X  

BT856 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # BT856
Description  YCrCb or RGB to NTSC/PAL Digital Video Encoder
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT856 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button BT856 Datasheet HTML 14Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 15Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 16Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 17Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 18Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 19Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 20Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 21Page - List of Unclassifed Manufacturers BT856 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
Brooktree®
12
CIRCUIT DESCRIPTION
Video Timing
Bt856/7
sumed. The frequency of operation (square pixels or CCIR) for both PAL and
NTSC is detected by counting the number of clocks per line. The sampling note is
assumed to be 13.5 MHz unless the exact horizontal count for square pixels,
±1
count, is detected in between two successive falling edges of HSYNC*.
NOTE:
Square pixel 625-line operation with this sequence requires one frame to
stabilize.
FIELD Output
The FIELD output indicates whether an odd field (logical zero) or even field (log-
ical one) is being generated. Field changes are detected by the falling edge of
VSYNC*. FIELD is output following the rising edge of CLOCK. Unless special
HSYNC* timing is programmed, FIELD output transitions low, two CLOCK pe-
riods following the falling edge of HSYNC* at the beginning of an odd field.
This corresponds directly to the bottom/top* convention of some MPEG
decoders.
Pixel Blanking
BLANK* is registered on the rising edge of CLOCK. For RGBOUT mode, RGB
video is blanked for each clock period in which the BLANK* input is low. For vid-
eo outputs, BLANK* is pipelined to match the luminance and chrominance paths
and is applied to the digital video before analog conversion. The automatic hori-
zontal blanking sequence described in Table 10 (in the PC Board Considerations
section) take precedence over the BLANK* input.
Burst Blanking
For interlaced NTSC/PAL–M, color burst information is automatically disabled on
scan lines 1–6 and 264–269, inclusive. (SMPTE line numbering convention.)
For interlaced PAL–B, D, G, H, I, N, N-Argentina, color burst information is
automatically disabled on scan lines 1–6, 310–318, and 623–625, inclusive, for
fields 1, 2, 5, and 6. During fields 3, 4, 7, and 8, color burst information is disabled
on scan lines 1–5, 311–319, and 622–625, inclusive.
For noninterlaced NTSC/PAL–M, color burst information is automatically dis-
abled on scan lines 1–6 and 261–262, inclusive.
For noninterlaced PAL–B, D, G, H, I, N, N-Argentina, color burst information
is automatically disabled on scan lines 1–6 and 310–312, inclusive.
See Figures 3–6.
Digital Processing
Once the input data is converted into internal YUV format, the UV components are
low-pass filtered with a filter response shown in Figure 7 (linearly scalable by
clock frequency). The Y and filtered UV components are upsampled to CLKX2
frequency by a digital filter whose response is shown in Figure 8.
Chrominance Disable
The chrominance subcarrier may be turned off by setting bit D5 of register subad-
dress 0xDE to a logical one. This kills burst as well, providing luminance only sig-
nals on the CVBS outputs and a static blank level on the C/R output
(RGBOUT=0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com