Electronic Components Datasheet Search
  English  ▼

X  

IC-MB4 Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-MB4 Datasheet HTML 5Page - IC-Haus GmbH IC-MB4 Datasheet HTML 6Page - IC-Haus GmbH IC-MB4 Datasheet HTML 7Page - IC-Haus GmbH IC-MB4 Datasheet HTML 8Page - IC-Haus GmbH IC-MB4 Datasheet HTML 9Page - IC-Haus GmbH IC-MB4 Datasheet HTML 10Page - IC-Haus GmbH IC-MB4 Datasheet HTML 11Page - IC-Haus GmbH IC-MB4 Datasheet HTML 12Page - IC-Haus GmbH IC-MB4 Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 9/40
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3.0 V. . . 5.5 V, Tj = -40. . . 125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
B13 Vtdiff()
Threshold Voltage at
SL - SL2_NSL1
V()=V(P) - V(N)
-300
300
mV
B14 Vthys()
Hysteresis Voltage at
SL - SL2_NSL1
V()=V(P) - V(N)
75
150
mV
BiSS Interface: LVDS Mode (CFGIF = 11)
B15 Vs()hi
Output Voltage hi at MA1, MO1,
MA2_NMA1, MO2_NMO2
RL = 100 Ω
VDD = 4.5 V ... 5.5 V
1.25
1.6
V
VDD = 3.0 V ... 3.6 V
1.0
1.6
V
B16 Vs()lo
Output Voltage lo at MA1, MO1,
MA2_NMA1, MO2_NMO2
RL = 100 Ω
VDD = 4.5 V ... 5.5 V
0.9
1.125
V
VDD = 3.0 V ... 3.6 V
0.7
1.125
V
B17 Vadiff
Differential Output Voltage at
MA1 - MA2_NMA1,
MO1 - MO2_NMO2
RL = 100 Ω
VDD = 4.5 V ... 5.5 V
250
350
450
mV
VDD = 3.0 V ... 3.6 V
220
350
450
mV
B18 Vacm
Common Mode Output Voltage lo
at MA1, MO1, MA2_NMA1,
MO2_NMO2
RL = 100 Ω
VDD = 4.5 V ... 5.5 V
1.125
1.2
1.375
V
VDD = 3.0 V ... 3.6 V
0.9
1.15
1.375
V
B19 Vcom()
Input Voltage Range at SL,
SL2_NSL1
VDD = 4.5 V ... 5.5 V
0.8
3
V
VDD = 3.0 V ... 3.6 V
0.8
1.8
V
B20 Vtdiff()
Threshold Voltage at
SL - SL2_NSL1
V()=V(P) - V(N)
-150
150
mV
B21 Vthys()
Hysteresis Voltage at
SL - SL2_NSL1
V()=V(P) - V(N)
VDD = 4.5 V ... 5.5 V
25
70
mV
VDD = 3.0 V ... 3.6 V
14
40
mV
Ports: EOT, NER, GETSENS
C01 Vs()hi
Saturation Voltage hi at EOT
Vs()hi = VDD - V();
VDD = 4.5 V, I() = -4 mA
0.4
V
VDD = 3 V; I() = -2 mA
0.4
V
C02 Vs()lo
Saturation Voltage lo at EOT,
NER
VDD = 4.5 V, I() = 4 mA
0.4
V
VDD = 3 V, I() = 2 mA
0.4
V
C03 Vt()hi
Threshold Voltage hi at NER,
GETSENS
2
V
C04 Vt()lo
Threshold Voltage lo at NER,
GETSENS
0.8
V
C05 Vt()hys
Threshold Voltage Hysteresis at
NER, GETSENS
150
250
mV
C06 Ipd()
Pull-Down Current at GETSENS VDD = 4.5 V, V() = 1 V ... V(VDD)
6
30
60
µA
VDD = 3 V, V() = 1 V ... V(VDD)
3
30
60
µA
C07 Ipu()
Pull-Up Current at NER
V() = 0 V ... V(VDD) - 1 V
-950
-300
-35
µA
Oscillator: CLK
D01 f(CLK)
Permissible Clock Rate at CLK
20
25
MHz
D02 f(CLKI)
Oscillator Clock Frequency
VDD = 4.5 V ... 5.5 V
15
20
25
MHz
VDD = 3.0 V ... 3.6 V
10
15
22
MHz
D03 Vt(CLK)hi
Threshold Voltage hi
2
V
D04 Vt(CLK)lo
Threshold Voltage lo
0.4
V
D05 Vt(CLK)hys Threshold Voltage Hysteresis
300
500
mV
D06 Ipd()
Pull-Down Current at CLK
VDD = 4.5 V, V() = 1.5 V ... VDD
6
30
60
µA
VDD = 3 V, V() = 1.5 V ... VDD
3
30
60
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com