Electronic Components Datasheet Search
  English  ▼

X  

IC-MB4 Datasheet(PDF) 35 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 35 Page - IC-Haus GmbH

Back Button IC-MB4 Datasheet HTML 31Page - IC-Haus GmbH IC-MB4 Datasheet HTML 32Page - IC-Haus GmbH IC-MB4 Datasheet HTML 33Page - IC-Haus GmbH IC-MB4 Datasheet HTML 34Page - IC-Haus GmbH IC-MB4 Datasheet HTML 35Page - IC-Haus GmbH IC-MB4 Datasheet HTML 36Page - IC-Haus GmbH IC-MB4 Datasheet HTML 37Page - IC-Haus GmbH IC-MB4 Datasheet HTML 38Page - IC-Haus GmbH IC-MB4 Datasheet HTML 39Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 35/40
STATUS INFORMATION 1
In sensor mode the validity of data is stored sepa-
rately for each slave in the validity message register. In
the event of error the appropriate validity message is
deleted and nSENSERR set to 0 in the status register.
The error is signaled at pin NER.
EOT
Addr. 0xF0; bit 0
R - 1
0
Data transmission active
1
Data transmission finished
Table 66: End of transmission
In register mode a register error (nREGERR = 0) or
a slave start signal missed at least 4096 MA1 clock
pulses results in an error message at NER.
REGEND
Addr. 0xF0; bit 2
R - 0
0
No valid register data available
1
Register data transmission completed
Table 67: End of register communication
A register watchdog error is also triggered if a slave
response is lacking during the transmission of register
data. This has two possible causes: either a slave does
not respond to the first falling edge with a low or the
slave fails to generate a start bit.
nREGERR
Addr. 0xF0; bit 3
R - 1
0
Error in last register data transmission
1
No error in last register data transmission
Table 68: Register communication error
The nREGERR bit is reset by writing BREAK = 1 into in-
struction register 0xF4 or writing INIT = 1 into instruction
register 0xF4. If a register data error is generated the
number of bytes transmitted correctly before the error
occurred can be determined by reading out the register
message REGBYTES (address 0xF3, bits 5...0). In the
event of error the transmission of data is terminated.
If a sensor data error is signaled the faulty sensor can
be verified by reading out address 0xF1 (validity mes-
sage).
nSCDERR
Addr. 0xF0; bit 4
R - 1
0
Error in last single cycle data transmission
1
No error in last single cycle data transmission
Table 69: SCD transmission error
The nSCDERR bit is reset by writing BREAK = 1 into
instruction register 0xF4.
An AGS watchdog error nAGSERR is set during the
automatic transmission of sensor data if no new cycle
could be initiated; bit AGS in the command register is
reset and the automatic request for sensor data aborted.
During the transmission of register data a watchdog er-
ror is triggered if the slave shows no response, i.e. if it
does not answer the first falling master edge with a low
or fails to generate a start bit.
nAGSERR
Addr. 0xF0; bit 6
R - 1
0
AGS watchdog error
1
No AGS watchdog error
Table 70: AGS error
The nAGSERR bit is reset by writing into instruction
register 0xF4. Typically a BREAK=1 and AGS=0 in-
struction is written into register 0xF4.
It is possible to connect other components to pin NER
which can also generate an error message; this can
then be read out via bit nERR in the status register.
nERR
Addr. 0xF0; bit 7
R - 1
0
Error
1
No error
Table 71: Transmission error
nDELAYERR
Addr. 0xF0; bit 5
R - 1
0
Delay error
1
No Delay error
Table 72: Delay error
The SVALIDx bit indicates the validity of each slaves
SCD CRC verification. A prior set SVALIDx bit can be
reset by writing 0 into the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com