Electronic Components Datasheet Search
  English  ▼

X  

IC-MB4 Datasheet(PDF) 22 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 22 Page - IC-Haus GmbH

Back Button IC-MB4 Datasheet HTML 18Page - IC-Haus GmbH IC-MB4 Datasheet HTML 19Page - IC-Haus GmbH IC-MB4 Datasheet HTML 20Page - IC-Haus GmbH IC-MB4 Datasheet HTML 21Page - IC-Haus GmbH IC-MB4 Datasheet HTML 22Page - IC-Haus GmbH IC-MB4 Datasheet HTML 23Page - IC-Haus GmbH IC-MB4 Datasheet HTML 24Page - IC-Haus GmbH IC-MB4 Datasheet HTML 25Page - IC-Haus GmbH IC-MB4 Datasheet HTML 26Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 22/40
MICROCONTROLLER INTERFACE
With pin CFGSPI the microcontroller interface is se-
lected between an 8 bit parallel interface or an SPI
serial interface. With pin CFGSPI = 0 the 8 bit parallel
microcontroller interface is selected in which the bidirec-
tional data bus alternately transmits addresses and data
in blocks of 8 bits (see figures 3). With pin INT_NMOT =
0 for an Intel 8051 controller or INT_NMOT = 1 for a
68HC11 Motorola controller communication type is se-
lected.
CFGSPI
INT_NMOT
Mode
0
0
Motorola 68HC11
0
1
Intel 8051
Table 11: Parallel communication modes
SPI Serial Microcontroller Interface
With pin CFGSPI = 1 the SPI serial microcontroller in-
terface is selected.
CFGSPI
INT_NMOT
Mode
1
-
SPI1 (polarity = 0,
phase = 0)
Table 12: SPI communication modes
When operated in conjunction with an SPI controller,
pin ALE is used as a clock input (SCK) and pin NCS
as an enable input (NCS), with DB0 as the data input
(SI) and DB1 as the data output (SO). Data is transmit-
ted serially in successive blocks of 8 bits (command,
address and data). Six commands are available:
• WriteData (0x02 = 0b0000 0010)
• ReadData (0x03 = 0b0000 0011)
• ReadStatus (0x05 = 0b0000 0101)
• WriteInstruction (0x07 = 0b0000 0111)
• ReadData0 (0x09 = 0b0000 1001)
• WriteData0 (0x0B = 0b0000 1011)
Figure 16: SPI transmission protocol (polarity 0, phase 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com