Electronic Components Datasheet Search
  English  ▼

X  

IC-MB4 Datasheet(PDF) 16 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 16 Page - IC-Haus GmbH

Back Button IC-MB4 Datasheet HTML 12Page - IC-Haus GmbH IC-MB4 Datasheet HTML 13Page - IC-Haus GmbH IC-MB4 Datasheet HTML 14Page - IC-Haus GmbH IC-MB4 Datasheet HTML 15Page - IC-Haus GmbH IC-MB4 Datasheet HTML 16Page - IC-Haus GmbH IC-MB4 Datasheet HTML 17Page - IC-Haus GmbH IC-MB4 Datasheet HTML 18Page - IC-Haus GmbH IC-MB4 Datasheet HTML 19Page - IC-Haus GmbH IC-MB4 Datasheet HTML 20Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 16/40
OPERATING REQUIREMENTS: BiSS Interface (SSI mode)
Operating conditions: register bit SELSSI = 1; VDD = 3. . . 5.5 V, Tj = -40. . . 125 °C
Alias: MA = MA1/MA2_NMA1, SL = SL1/SL2_NSL1
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
I501 TMAS
Clock Period
FreqSens via FREQ(4:0) selected in
2
320
1/f(CLK)
accordance with table 45 on page 29
I502 tMASh
Clock Signal Hi Level Duration
50
50
%
TMAS
I503 tMASl
Clock Signal Lo Level Duration
50
50
%
TMAS
I504 tsDC
Setup Time: SL stable before MA lo→hi
30
ns
I505 thDC
Hold Time: SL stable after MA lo→hi
0
ns
Figure 10: Timing diagram SSI mode
SLx line sampling
In SSI interface mode SL1 values are sampled with the rising edge at MA1. An overall delay of the sensor
response to the clock at MA1, caused by process times in the sensor or transmission times, is permissible up to
the length of one clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com