Electronic Components Datasheet Search
  English  ▼

X  

IC-MB4 Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-MB4 Datasheet HTML 1Page - IC-Haus GmbH IC-MB4 Datasheet HTML 2Page - IC-Haus GmbH IC-MB4 Datasheet HTML 3Page - IC-Haus GmbH IC-MB4 Datasheet HTML 4Page - IC-Haus GmbH IC-MB4 Datasheet HTML 5Page - IC-Haus GmbH IC-MB4 Datasheet HTML 6Page - IC-Haus GmbH IC-MB4 Datasheet HTML 7Page - IC-Haus GmbH IC-MB4 Datasheet HTML 8Page - IC-Haus GmbH IC-MB4 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 1/40
FEATURES
•
Bidirectional BiSS communication with up to 8 slaves
•
Supports SSI protocol for unidirectional data transmission
•
Synchronous sensor data acquisition with cyclic transfer at data
rates of up to 10 Mbit/s
•
Configurable interface with TTL, CMOS, RS422 or LVDS
•
Slave register operations during cyclic data transfers
•
Automatic compensation of line delays and conversion times
•
Data lengths of up to 64 bit for sensor data,
configurable for each slave
•
Data verification by CRC polynomials of up to 16 bits per slave
•
Separate memory banks enable free controller access during
BiSS sensor data transfers
•
64 bytes memory for bidirectional slave register communication
•
Parallel interface with 8 bit data/address bus services Intel and
Motorola devices with combined data and address bus
•
Serial controller communication by SPITM-compatible mode
•
Single 3 V to 5 V supply, industrial temperature range
APPLICATIONS
•
Bidirectional communication in
multi sensor systems
•
Linear and rotary encoders
•
Motor feedback systems
•
PLC systems
•
Drives
PACKAGES
TSSOP24
QFN28
BLOCK DIAGRAM
VDD
PROCESS DATA
OSCILLATOR
HOST INTERFACE
RESET
CTRL PORTS
BANK 1
BiSS INTERFACE
VDD
VDD
INSTANCE 1
BANK 2
sample CDS
measure busy
FRAME CONTROLLER
send busy
request sensor data
send acknowledge
8
8
CHANNEL 1
iC-MB4
analyse wire delay
INSTANCE 2
CHANNEL 2
16 BYTE RAM
PARAMETER
CONTROL
CONFIG
PROCESS
4 x 32 BIT RAM
DATA
DATA
PROCESS
4 x 64 BIT RAM
CONTROLLER
calculate actuator crc
send actuator data
receive sensor data
check sensor data
64 BYTE RAM
send start
calculate control frame
send CDM
GND
NCS
MO1
DB7
INT_NMOT
SL2_NSL1
MO2_NMO1
DB5
NRES
DB6
CLK
VDD
NWR_E
DB4
EOT
NER
GETSENS
DB2
DB1
DB0
NRD_RNW
CFGSPI
DB3
ALE
MA2_NMA1
MA1
SL1
Copyright © 2014, 2014, 2015 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-MB4

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MB4ICSYMB4U ICHAUS-IC-MB4ICSYMB4U Datasheet
1Mb / 5P
BiSS, SSI, PC-USB 2.0 ADAPTER
More results

Similar Description - IC-MB4

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
I2C Bus Interface - Master/Slave
DSPI DCD-DSPI Datasheet
94Kb / 6P
Serial Peripheral Interface - Master/Slave
logo
IC-Haus GmbH
IC-MB3 ICHAUS-IC-MB3 Datasheet
454Kb / 26P
BiSS INTERFACE MASTER, 1-Chan./3-Slaves
logo
PHOENIX CONTACT
2746524 PHOENIX-2746524 Datasheet
69Kb / 4P
INTERBUS master interface IBS ECO-LINK
logo
WAGO Kontakttechnik Gmb...
750-655 WAGO-750-655 Datasheet
510Kb / 14P
AS Interface Master
logo
Pepperl+Fuchs Inc.
BW2087 PF-BW2087 Datasheet
257Kb / 2P
AS-Interface master
VBM-CLX-DM PF-VBM-CLX-DM Datasheet
362Kb / 3P
AS-Interface master
VBM-CTR-K20-R2 PF-VBM-CTR-K20-R2 Datasheet
275Kb / 2P
AS-Interface master
VBM-CTR-PCI-DM PF-VBM-CTR-PCI-DM Datasheet
238Kb / 2P
AS-Interface master
2019-08-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com