Electronic Components Datasheet Search
  English  ▼

X  

IC-MB4 Datasheet(PDF) 29 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 29 Page - IC-Haus GmbH

Back Button IC-MB4 Datasheet HTML 25Page - IC-Haus GmbH IC-MB4 Datasheet HTML 26Page - IC-Haus GmbH IC-MB4 Datasheet HTML 27Page - IC-Haus GmbH IC-MB4 Datasheet HTML 28Page - IC-Haus GmbH IC-MB4 Datasheet HTML 29Page - IC-Haus GmbH IC-MB4 Datasheet HTML 30Page - IC-Haus GmbH IC-MB4 Datasheet HTML 31Page - IC-Haus GmbH IC-MB4 Datasheet HTML 32Page - IC-Haus GmbH IC-MB4 Datasheet HTML 33Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 29/40
MAFS
Addr. 0xF5; bit 4
R/W
0
Controlling selected(CHSEL) MA clock line: using
MA signal
1
Controlling selected(CHSEL) MA clock line: using
MAVS level
Table 40: Selected MA line control selection
MAVS
Addr. 0xF5; bit 5
R/W
0
Low definition of selected(CHSEL) MA clock lines
1
High definition of selected(CHSEL) MA clock lines
Table 41: Selected MA line control level
MAFO
Addr. 0xF5; bit 6
R/W
0
Controlling unselected(CHSEL) MA clock line: using
MA signal
1
Controlling unselected(CHSEL) MA clock line: using
MAVS level
Table 42: Not selected MA line control selection
MAVO
Addr. 0xF5; bit 7
R/W
0
Low definition of unselected(CHSEL) MA clock lines
1
High definition of unselected(CHSEL) MA clock lines
Table 43: Not selected MA line control level
CONFIGURATION MASTER
Master Clock MA
The master clock, either generated by the basic clock
of the internal 20 MHz oscillator (CLKENI = 1) or by an
external clock oscillator (CLKENI = 0) which supplies
pin CLK, is set with the aid of the frequency division
register FREQ (address 0xE6).
The MA clock frequency for both BiSS and SSI modes
is set via FREQ(4:0) in accordance with table 44. With
an external clock pulse of f(CLK) = 20 MHz clock fre-
quencies ranging from 62.5 kHz to 10 MHz can thus be
selected for sensor data transmission.
FREQS
Addr. 0xE6; bit 4:0
R/W
0x00
fCLK/ 2
0x01
fCLK/ 4
0x02
fCLK/ 6
0x03
fCLK/ 8
. . .
. . .
0x09
fCLK/ 20
. . .
. . .
0x0D
fCLK/ 28
0x0E
fCLK/ 30
0x0F
fCLK/ 32
0x10
”not permitted”
0x11
fCLK/ 40
0x12
fCLK/ 60
0x13
fCLK/ 80
. . .
. . .
0x1D
fCLK/ 280
0x1E
fCLK/ 300
0x1F
fCLK/ 320
Table 44: Sensor data clock frequency
Both BiSS and SSI devices recognize an idle bus at
the end of a transmission cycle via a monoflop timeout
elapsing (timeoutSENS, see BiSS protocol). The choice
of possible clock frequencies is thus limited as the du-
ration of both the high and low level may not exceed
the shortest timeout of all of the connected subscribers
(slaves).
BiSS B devices switch to register mode when recogniz-
ing that the bus is idle after a high-low transition at the
clock input and signal this state back to the master on
the data line.
The clock frequency in BiSS B register mode is set via
parameter FREQ and within a range of 244 Hz to 5 MHz.
The selection is also limited as a different monoflop
timeout does now recognize the idle bus at the end of
the cycle (timeoutREG, see BiSS B protocol).
FREQR
Addr. 0xE6; bit 7:5
R/W
0 . .
7
FreqSens/ (2 * (FREQ(7:5)+1) )
0
FreqSens / 2
1
FreqSens / 4
2
FreqSens / 8
3
FreqSens / 16
4
FreqSens / 32
5
FreqSens / 64
6
FreqSens / 128
7
FreqSens / 256
Table 45: BiSS B register data frequency
BiSS B devices typically require a minimum clock fre-
quency (such as 250 kHz) due to the MA clock form
has to be evaluated as a possible PWM signal for regis-
ter communication. BiSS C devices generally permit a
lower clock frequency. BiSS C devices do not use the
MA clock duty cycle (PWM signal) and can be operated
down to 80 kHz. SSI devices generally permit a lower
clock frequency and with extended SSI the register ac-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com