Electronic Components Datasheet Search
  English  ▼

X  

IC-MB4 Datasheet(PDF) 18 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 18 Page - IC-Haus GmbH

Back Button IC-MB4 Datasheet HTML 14Page - IC-Haus GmbH IC-MB4 Datasheet HTML 15Page - IC-Haus GmbH IC-MB4 Datasheet HTML 16Page - IC-Haus GmbH IC-MB4 Datasheet HTML 17Page - IC-Haus GmbH IC-MB4 Datasheet HTML 18Page - IC-Haus GmbH IC-MB4 Datasheet HTML 19Page - IC-Haus GmbH IC-MB4 Datasheet HTML 20Page - IC-Haus GmbH IC-MB4 Datasheet HTML 21Page - IC-Haus GmbH IC-MB4 Datasheet HTML 22Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 18/40
REGISTER LAYOUT, OVERVIEW
OVERVIEW
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Sensor and Actuator Data
0x00
SCDATA1(7:0)
0x01 . .
0x07
SCDATA1(63:8)
0x08 . .
0x3F
SCDATA2(63:0) . . SCDATA8(63:0)
0x40 . .
0x7F
– ∗
Register Data
0x80 †
RDATA1(7:0)
0x80 ‡
IDS(7:0)
0x81 . .
0xBF
RDATA2(7:0) . . RDATA64(7:0)
Configuration Slave 1
0xC0
GRAYS1 /
LSTOP1
ENSCD1
SCDLEN1(5:0)
0xC1
SELCRCS1
SCRCLEN1(6:0) / SCRCPOLY1(7:1)
0xC2
SCRCSTART1(7:0)
0xC3
SCRCSTART1(15:8)
0xC4 . .
0xDF
Configuration Slave 2(31:0) . . Configuration Slave 8(31:0)
Control Communication Configuration
0xE0
– ∗
0xE1
– ∗
0xE2
WNR
REGADR(6:0)
0xE3
– ∗
REGNUM(5:0)
0xE4
– ∗
CHSEL(2:1)
0xE5 †
CTS
REGVERS
SLAVEID(2:0)
– ∗
EN_MO
HOLDCDM
0xE5 ‡
CTS
REGVERS
CMD(1:0)
IDA_TEST
– ∗
EN_MO
HOLDCDM
Master Configuration
0xE6
FREQR(2:0)
FREQS(4:0)
0xE7
– ∗
NOCRC
SINGLEBANK
0xE8
FREQAGS(7:0)
0xE9
MO_BUSY(7:0)
0xEA
REVISION(7:0)§
0xEB
VERSION(7:0)§
Channel Configuration
0xEC
’0’
’0’
’0’
SLAVELOC5
’0’
’0’
’0’
’1’
0xED
– ∗
CFGCH2(1:0)
CFGCH1(1:0)
0xEE
– ∗
∗ Reserved or unused register bits highlighted as ”–” need to be written with 0 if a byte wide register write access is required.
† Using register access in control communication.
‡ Using command/instructions in control communication.
§ Register bits with constant ”0” or ”1” are ROM-based values and can not be changed through writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com