Electronic Components Datasheet Search
  English  ▼

X  

IC-MB4 Datasheet(PDF) 32 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 32 Page - IC-Haus GmbH

Back Button IC-MB4 Datasheet HTML 28Page - IC-Haus GmbH IC-MB4 Datasheet HTML 29Page - IC-Haus GmbH IC-MB4 Datasheet HTML 30Page - IC-Haus GmbH IC-MB4 Datasheet HTML 31Page - IC-Haus GmbH IC-MB4 Datasheet HTML 32Page - IC-Haus GmbH IC-MB4 Datasheet HTML 33Page - IC-Haus GmbH IC-MB4 Datasheet HTML 34Page - IC-Haus GmbH IC-MB4 Datasheet HTML 35Page - IC-Haus GmbH IC-MB4 Datasheet HTML 36Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 32/40
CONFIGURATION CHANNEL
SLAVELOC5
Addr. 0xEC; bit 4
R/W
0
Slaves 5-8 are connected to channel 1
1
Slaves 5-8 are connected to channel 2∗
Table 54: Slave location
CFGIF
Addr. 0xF5; bit 3:2
R/W
0x00
TTL
0x01
CMOS
0x02
RS422∗ † ‡
0x03
LVDS∗ †
Table 55: Configure physical interface
The configuration of both channels control the type of
protocol that is applied by each channel.
CFGCH1
Addr. 0xED; bit 1:0
R/W
CFGCH2∗
Addr. 0xED; bit 3:2
R/W
0x00
BiSS B
0x01
BiSS C
0x02
SSI
0x03
Channel is not used
Table 56: Channel configuration
In previous MB100 or iC-MB3 data sheets this con-
figuration was applied by the former parameter
SELSSI and BISSMOD.
CONFIGURATION SLAVE
ENSCD1
Addr. 0xC0; bit 6
R/W
ENSCD2
Addr. 0xC4; bit 6
R/W
ENSCD3
Addr. 0xC8; bit 6
R/W
ENSCD4
Addr. 0xCC; bit 6
R/W
ENSCD5
Addr. 0xD0; bit 6
R/W
ENSCD6
Addr. 0xD4; bit 6
R/W
ENSCD7
Addr. 0xD8; bit 6
R/W
ENSCD8
Addr. 0xDC; bit 6
R/W
0
Single cycle data not available
1
Single cycle data available
Table 57: Enable SCDx
SCDLEN1
Addr. 0xC0; bit 5:0
R/W
SCDLEN2
Addr. 0xC4; bit 5:0
R/W
SCDLEN3
Addr. 0xC8; bit 5:0
R/W
SCDLEN4
Addr. 0xCC; bit 5:0
R/W
SCDLEN5
Addr. 0xD0; bit 5:0
R/W
SCDLEN6
Addr. 0xD4; bit 5:0
R/W
SCDLEN7
Addr. 0xD8; bit 5:0
R/W
SCDLEN8
Addr. 0xDC; bit 5:0
R/W
0
Single cycle data length = 1
1
Single cycle data length = 2
2
Single cycle data length = 3
. . .
Single cycle data length = SCDLENx +1
62
Single cycle data length = 63
63
Single cycle data length = 64
Table 58: Length of SCDx (-1)
GRAYS1
Addr. 0xC0; bit 7
R/W
GRAYS2
Addr. 0xC4; bit 7
R/W
GRAYS3
Addr. 0xC8; bit 7
R/W
GRAYS4
Addr. 0xCC; bit 7
R/W
GRAYS5
Addr. 0xD0; bit 7
R/W
GRAYS6
Addr. 0xD4; bit 7
R/W
GRAYS7
Addr. 0xD8; bit 7
R/W
GRAYS8
Addr. 0xDC; bit 7
R/W
0
SSI single cycle data binary coded
1
SSI single cycle data gray coded
Table 59: SSI format is Gray code
LSTOP1
Addr. 0xC0; bit 7
R/W
LSTOP2
Addr. 0xC4; bit 7
R/W
LSTOP3
Addr. 0xC8; bit 7
R/W
LSTOP4
Addr. 0xCC; bit 7
R/W
LSTOP5
Addr. 0xD0; bit 7
R/W
LSTOP6
Addr. 0xD4; bit 7
R/W
LSTOP7
Addr. 0xD8; bit 7
R/W
LSTOP8
Addr. 0xDC; bit 7
R/W
0
No leading STOP bit on single cycle actuator data
1
Leading STOP bit on single cycle actuator data
Table 60: Actuator stop bit control
∗ The second BiSS interface channel 2 is only available with
iC-MB4 QFN28.
† RS422 and LVDS interfaces are only available with iC-MB4
QFN28.
‡ RS422 interfaces are only operatable with VDD = 4.5 V ... 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com