Electronic Components Datasheet Search
  English  ▼

X  

IC-MN Datasheet(PDF) 48 Page - IC-Haus GmbH

Part # IC-MN
Description  25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MN Datasheet(HTML) 48 Page - IC-Haus GmbH

Back Button IC-MN Datasheet HTML 44Page - IC-Haus GmbH IC-MN Datasheet HTML 45Page - IC-Haus GmbH IC-MN Datasheet HTML 46Page - IC-Haus GmbH IC-MN Datasheet HTML 47Page - IC-Haus GmbH IC-MN Datasheet HTML 48Page - IC-Haus GmbH IC-MN Datasheet HTML 49Page - IC-Haus GmbH IC-MN Datasheet HTML 50Page - IC-Haus GmbH IC-MN Datasheet HTML 51Page - IC-Haus GmbH IC-MN Datasheet HTML 52Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
iC-MN 25-BIT NONIUS ENCODER
WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
Rev F2, Page 48/62
DL_MT
Addr. 0x3E; bit 7:5
Code
Multiturn bit count*
0x00
8
...
...
0x0C
20
0x0D
24
0x0E
1
0x0F
4
Notes
*) Does not include synchronization bits of the
external MT sensor.
Table 84: MT data length (and counter depth)
SBL_MT
Addr. 0x41; bit 1:0
Code
MT synchronization bit
length
Synchronization range
(ST resolution)
00
1 bit
±
90°
01
2 bit
±
90°
10
3 bit
±
135°
11
4 bit
±
157.5°
Table 85: MT synchronization bit length
LNT_MT
Addr. 0x41; bit 2
Code
Function (single sync. bit, SBL_MT = 0x00)
0
Trailing
1
Leading
Table 86: Leading/trailing gear box assembly
Via CHK_MT the device can be configured so that the
counted multiturn period is verified every 8 ms. An error
in the multiturn check (the comparison of the counted
multiturn period and the external multiturn position data)
is signaled via the error bit (MT_CTR is set in the status
register, see page 43).
CHK_MT
Addr. 0x40; bit 6
Code
Function
0
Verification disabled
1
Cyclic verification each 8 ms
Table 87: Period counter verification
GRAY_MT
Addr. 0x41; bit 3
Code
Data format
0
Binary coded
1
Gray coded
Table 88: MT Interface data format
Error Handling
If a communication error appears when reading in ex-
ternal multiturn data during the startup phase (such as
pin MTSLI reading a permanent logic 0 or the external
MT sensor not responding), the first conversion and re-
quest for the external multiturn data are repeated (with
a break of 128 µs) up to three times (see Figure 21). If
the error persists after a fourth attempted readin, the
device goes into normal operating mode. Conversion
requests for the singleturn position data are possible,
but MT_ERR remains permanently set.
The error handling in normal operating mode when
the multiturn data verification is activated is shown in
Figure 22. If there is an error in communication no
further readouts are attempted and MT_ERR remains
permanently set.
read external
multiturn
mt-error-counter ++
set MT_ERR
proceed with
startup-sequence
no further multiturn-readouts
started
sync to flashcounter
proceed with
startup-sequence
yes
no
yes
serial-communication error?
mt_error-counter < 4
no
startup
sequence with
16 ms timeout
Figure 21: Error handling during start up phase
start timer
read external
multiturn
serial
communication
error?
set MT_ERR
sync to flashcounter
and compare to counted
multiturn-value
compare-error?
set MT_CTR
normal operation:
ready for
sensordata-requests
yes
no
yes
yes
timer == 8 ms?
CHK_MT?
yes
no
Figure 22: Error handling during normal operation
with cyclic period counter verification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com