Electronic Components Datasheet Search
  English  ▼

X  

IC-MN Datasheet(PDF) 35 Page - IC-Haus GmbH

Part # IC-MN
Description  25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MN Datasheet(HTML) 35 Page - IC-Haus GmbH

Back Button IC-MN Datasheet HTML 31Page - IC-Haus GmbH IC-MN Datasheet HTML 32Page - IC-Haus GmbH IC-MN Datasheet HTML 33Page - IC-Haus GmbH IC-MN Datasheet HTML 34Page - IC-Haus GmbH IC-MN Datasheet HTML 35Page - IC-Haus GmbH IC-MN Datasheet HTML 36Page - IC-Haus GmbH IC-MN Datasheet HTML 37Page - IC-Haus GmbH IC-MN Datasheet HTML 38Page - IC-Haus GmbH IC-MN Datasheet HTML 39Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
iC-MN 25-BIT NONIUS ENCODER
WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
Rev F2, Page 35/62
TRACK OFFSET CALIBRATION
Depending on the track resolution the offset values of
the nonius and segment tracks (POV = Phase-Offset-
Value) must be justified to the left in the SPO_N and
SPO_S registers. These offsets are added to the con-
version result of each track prior to synchronization and
are instrumental in calibrating the track.
MSB
POV_x
SPO_x
register:
S: ADR 0x38, bit 0
N: ADR 0x39, bit 5
S: ADR 0x39, bit 4
N: ADR 0x3B, bit 1
datalength defined by UBL_x+SBL_x
0
LSB
POV_x
0
0
Figure 14: SPO_x (x=S,N)
SPO_N
Addr. 0x3B; bit 1:0
Addr. 0x3A; bit 7:0
Addr. 0x39; bit 7:5
SPO_S
Addr. 0x39; bit 4:0
Addr. 0x38; bit 7:0
0x0000
. . .
Track Offset
0x1FFF
Table 49: Track offsets for nonius and segment
Note:
For nonius synchronization (see MODE_ST) it is im-
portant that the used tracks within the 2UBL_S+UBL_N
master track periods have a shared zero crossing
once. With SPO_S or SPO_N the segment and non-
ius tracks can be shifted to the master track accord-
ingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com