Electronic Components Datasheet Search
  English  ▼

X  

IC-MN Datasheet(PDF) 39 Page - IC-Haus GmbH

Part # IC-MN
Description  25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MN Datasheet(HTML) 39 Page - IC-Haus GmbH

Back Button IC-MN Datasheet HTML 35Page - IC-Haus GmbH IC-MN Datasheet HTML 36Page - IC-Haus GmbH IC-MN Datasheet HTML 37Page - IC-Haus GmbH IC-MN Datasheet HTML 38Page - IC-Haus GmbH IC-MN Datasheet HTML 39Page - IC-Haus GmbH IC-MN Datasheet HTML 40Page - IC-Haus GmbH IC-MN Datasheet HTML 41Page - IC-Haus GmbH IC-MN Datasheet HTML 42Page - IC-Haus GmbH IC-MN Datasheet HTML 43Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
iC-MN 25-BIT NONIUS ENCODER
WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
Rev F2, Page 39/62
Output Data Length
The output bit count is derived from the parameters
DL_ST, M2S and DL_MT. In accordance with the se-
lected protocol two additional bits for the error and warn-
ing messages are always transmitted.
The output bit length for singleturn data can be set
independent of the internal converter resolution. For
bit lengths which exceed the internal word length the
data following the LSB is zero filled. If enabled by M2S
multiturn data is always transmitted before singleturn
data.
DL_ST
Addr. 0x3E; bit 4:0
Code
Bit count
0x00
8 bit +2 bit for E/W
...
...
0x05
13 bit +2 bit for E/W
...
...
0x11
25 bit +2 bit for E/W
Bit counts listed below are valid only for multiturn
synchronization mode (see P. 30)
0x12
26 bit +2 bit for E/W
...
...
0x19
33 bit +2 bit for E/W
0x1A
39 bit +2 bit for E/W
Table 59: ST Data length
M2S
Addr. 0x3F; bit 2:1
Code
Function
00
No output
01
MT data output of lowest 4 bits
10
MT data output of lowest 8 bits
11
Complete output, MT bit count following DL_MT
Table 60: MT Data output
Output Options
In BiSS C protocol only binary coded data are permit-
ted.
GRAY_SCD
Addr. 0x3F; bit 7
Code
Data format
0
Binary coded
1
not permitted
Table 61: Data format for BiSS C (NBISS = 0)
The code direction of the output data word can be al-
tered using pin DIR or register DIR. Both signals are
EXOR-gated and together comprise the internal direc-
tion of rotation signal.
DIR
Addr. 0x3D; bit 6
Code
Direction of rotation
0
Not inverted
1
Inverted
Table 62: Inversion of code direction
For reasons of data security iC-MN provides fixed CRC
polynomials (see Table 63). The data security com-
prised the position data (MT + ST) and the error and
warning bit. The CRC value is transmitted inversely.
The CRC start value can be freely selected, thus en-
abling a PLC to clearly allocate data to the source (for
safety applications). Register communication can be
optionally blocked by parameter NC_BiSS.
Data
Channel
CRC
HEX Code
Polynomial
Calculation
Start Value
SCD
0x43
x6+x1+x0
see CID_SCD
CDM, CDS
0x13
x4+x1+x0
0x0
Table 63: BiSS CRC polynomials
CID_SCD
Addr. 0x4C; bit 7:4
Code
CRC start value SCD
0x00
. . .
CID_SCD
0x0F
Table 64: CRC start value for SCD
NC_BISS
Addr. 0x43; bit 5
Code
Function
0
BiSS C register communication enabled
1
Communication disable
(no execution of commands, no access to RAM or
EEPROM
Notes
If the device setup and a set communication disable
NC_BiSS are to be stored to the EEPROM, the
preset function can be triggered at pin PRES.
Table 65: Communication disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com