Electronic Components Datasheet Search
  English  ▼

X  

IC-MN Datasheet(PDF) 49 Page - IC-Haus GmbH

Part # IC-MN
Description  25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MN Datasheet(HTML) 49 Page - IC-Haus GmbH

Back Button IC-MN Datasheet HTML 45Page - IC-Haus GmbH IC-MN Datasheet HTML 46Page - IC-Haus GmbH IC-MN Datasheet HTML 47Page - IC-Haus GmbH IC-MN Datasheet HTML 48Page - IC-Haus GmbH IC-MN Datasheet HTML 49Page - IC-Haus GmbH IC-MN Datasheet HTML 50Page - IC-Haus GmbH IC-MN Datasheet HTML 51Page - IC-Haus GmbH IC-MN Datasheet HTML 52Page - IC-Haus GmbH IC-MN Datasheet HTML 53Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
iC-MN 25-BIT NONIUS ENCODER
WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
Rev F2, Page 49/62
Figure 23: Line signals of the serial MT interface
MODE_MT = 0x10 (SSI)
MT Interface with 2-bit mode
In this mode pin MTMA functions as an additional in-
put, besides pin MTSLI. The inputs now expect digital
signals phase shifted by 90°, whereas MTMA reads
the single bit period information, and MTSLI the shifted
synchronization bit. The following figure explains the
principle and the table below gives the necessary set-
tings.
sector 0
sector 1
master
segment
nonius
calculated nonius position
0
max
MTMA
MTSLI
2 bit sector code (gray coded)
resulting dataword
0
2*max
max
iC-MN
360°
360°
0
360°
°/rev
.
°/rev
.
°/rev
.
Figure 24: Principle of 2-bit mode
Parameter
Description
MODE_MT = 11
MT interface op. mode: 2-bit mode
DL_MT = 0x0E
MT data length: 1 bit
SBL_MT = 00
Synchronization bit length: 1 bit
LNT_MT = 0 or 1
Depending on MTMA signal: leading or
trailing
GRAY_MT = 1
MT data format: Gray coded
M2S = 11
Enable for MT plus ST data output
Table 89: Required settings for 2-bit mode
The required position of the multiturn and synchro-
nization bit depends on parameter LNT_MT. Figure
25 shows the required signal positions with leading
respectively trailing operation. The green arrows are
indicating the permissible relative position tolerances.
max
max
MTSLI
(LSB)
MTMA
(MSB)
sector 0
sector 1
MTSLI
(LSB)
MTMA
(MSB)
°/rev
0
1
2
3
3
binary
signal
1
2
3
0
0
binary
signal
Figure 25: Position of switch points in reference to
the parameter LNT_MT
A typical application example where the 2-bit mode can
be used for, is a magnetic angle encoder scanning the
pole wheel by MR sensors. A nonius coded wheel of 16,
15 and 12 pole pairs yields 32, 30 and 24 sine periods
per turn on iC-MN’s analog inputs. The nonius calcu-
lation would not produce absolute angle position data
over a single revolution since the maximum singleturn
value is achieved twice. The distinction as to which half
of the revolution the axis is in can only be made using
section sensors, two Hall sensors for example, whose
digital outputs are connected up directly to MTMA and
MTSLI. Furthermore, the 2-bit mode can be used also
with systems based on a 2 track nonius calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com