Electronic Components Datasheet Search
  English  ▼

X  

IC-MN Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-MN
Description  25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MN Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-MN Datasheet HTML 9Page - IC-Haus GmbH IC-MN Datasheet HTML 10Page - IC-Haus GmbH IC-MN Datasheet HTML 11Page - IC-Haus GmbH IC-MN Datasheet HTML 12Page - IC-Haus GmbH IC-MN Datasheet HTML 13Page - IC-Haus GmbH IC-MN Datasheet HTML 14Page - IC-Haus GmbH IC-MN Datasheet HTML 15Page - IC-Haus GmbH IC-MN Datasheet HTML 16Page - IC-Haus GmbH IC-MN Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
iC-MN 25-BIT NONIUS ENCODER
WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
Rev F2, Page 13/62
ELECTRICAL CHARACTERISTICS
Operating conditions: VDD = VACO = 5 V ±10 %, Tj = -40...125 °C,
IBP calibrated to 200 µA, reference point GNDA (GND for digital I/O pins), unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
I/O Interface: Clock Line Output MAO
G01 Vs()hi
Saturation Voltage hi
Vs()hi = VDD − V(), I() = -4 mA
450
mV
G02 Vs()lo
Saturation Voltage lo
I() = 4 mA
450
mV
G03 Isc()hi
Short-circuit Current hi
-85
-30
mA
G04 Isc()lo
Short-circuit Current lo
20
65
mA
Test Signal Inputs: T2, T3
H01 Vt()hi
Input Threshold Voltage hi
2
V
H02 Vt()lo
Input Threshold Voltage lo
800
mV
H03 Vt()hys
Input Hysteresis
150
250
mV
H04 Ipd()
Input-Pull-Down-Current at T2
V() = 1 V...VDD
4
30
75
µA
H05 Vpd()
Input-Pull-Down-Voltage at T2
I() = 5 µA
650
mV
H06 Ipu()
Input Pull-up Current at T3
V() = 0...VDD − 1 V
-65
-30
-5
µA
H07 Vpu()
Input Pull-up Voltage at T3
Vpu() = VDD − V(), I() = -5 µA
650
mV
Test Signal Outputs: T0, T1
I01
Vs()hi
Saturation Voltage hi
Vs()hi = VDD − V(), I() = -4 mA
500
mV
I02
Vs()lo
Saturation Voltage lo
I() = 4 mA
600
mV
I03
Isc()hi
Short-circuit Current hi
-60
-15
mA
I04
Isc()lo
Short-circuit Current lo
15
60
mA
I05
Voffs()
Analog Buffer Offset Voltage at
T0
Vos() = V(T1) − V(T0), operating mode TBOS
-25
25
mV
I/O Interface: Input SLI
J01 Vt()hi
Input Threshold Voltage hi
2
V
J02 Vt()lo
Input Threshold Voltage lo
0.8
V
J03 Vt()hys
Input Hysteresis
150
250
mV
J04 Ipd()
Input Pull-down Current
V() = 1 V...VDD
4
30
75
µA
J05 Vpd()
Input Pull-Down Voltage
I() = 5 µA
650
mV
Digital Inputs: DIR, PRES
K01 Vt()hi
Input Threshold Voltage hi
2
V
K02 Vt()lo
Input Threshold Voltage lo
0.8
V
K03 Vt()hys
Input Hysteresis
150
250
mV
K04 Ipd()
Input Pull-down Current
V() = 1 V ... VDD
20.5
120
296
µA
K05 Vs()hi
Saturation Voltage hi
during test function, Vs()hi = VDD - V();
I() = 1.6 mA
295
mV
K06 Vs()lo
Saturation Voltage lo
during test function, I() = 1.6 mA
275
mV
K07 Vpd()
Input Pull-down Voltage
I() = 5 µA
600
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com