Electronic Components Datasheet Search
  English  ▼

X  

IC-MN Datasheet(PDF) 32 Page - IC-Haus GmbH

Part # IC-MN
Description  25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MN Datasheet(HTML) 32 Page - IC-Haus GmbH

Back Button IC-MN Datasheet HTML 28Page - IC-Haus GmbH IC-MN Datasheet HTML 29Page - IC-Haus GmbH IC-MN Datasheet HTML 30Page - IC-Haus GmbH IC-MN Datasheet HTML 31Page - IC-Haus GmbH IC-MN Datasheet HTML 32Page - IC-Haus GmbH IC-MN Datasheet HTML 33Page - IC-Haus GmbH IC-MN Datasheet HTML 34Page - IC-Haus GmbH IC-MN Datasheet HTML 35Page - IC-Haus GmbH IC-MN Datasheet HTML 36Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
iC-MN 25-BIT NONIUS ENCODER
WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
Rev F2, Page 32/62
UBL_N/ SBL_N/ Permissible Max. Phase Deviation
UBL_S
SBL_S
[given in degree per signal period of 360°]
2
2
+/- 22.5°
3
+/- 33.75°
4
+/- 39.38°
3
2
+/- 11.25°
3
+/- 16.88°
4
+/- 19.69°
4
2
+/- 5.63°
3
+/- 8.44°
4
+/- 9.84°
5
2
+/- 2.81°
3
+/- 4.22°
4
+/- 4.92°
6
2
+/- 1.41°
3
+/- 2.11°
4
+/- 2.46°
Table 45: Tolerable phase deviation for the master ver-
sus the nonius or segment track (with refer-
ence to 360°, electrical)
The synchronization principle is summarized in Figure
11, where φ represents the digitized angle of the rele-
vant track.
Figure 11: Principle of nonius mode synchronization
Digital Frequency Monitoring
iC-MN features an integrated frequency monitoring cir-
cuit for the master track. A signal frequency warning
threshold can be configured by FRQ_TH.
FRQ_TH
Addr. 0x43; bit 7:6
Code
Warning Threshold
00
7.625 kHz
01
31.25 kHz
10
62.5 kHz
11
125 kHz
Table 46: Signal frequency monitoring
FRQ_TH is used by the frequency-dependent period
verification feature available for nonius modes (see
MODE_ST = 0x01, 0x03, 0x06 and 0x09).
The following applies to all modes with nonius synchro-
nization: if the frequency of the master track is too high
at power on, FRQ_STUP and FRQ_WDR remain set
until the period verification was successful below the
frequency warning threshold. In nonius modes without
an enabled period verification it must be observed that
FRQ_STUP remains permanently set and can only be
reset by SOFT_RES when the warning threshold is
undershot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com