Electronic Components Datasheet Search
  English  ▼

X  

IC-MN Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-MN
Description  25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MN Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-MN Datasheet HTML 1Page - IC-Haus GmbH IC-MN Datasheet HTML 2Page - IC-Haus GmbH IC-MN Datasheet HTML 3Page - IC-Haus GmbH IC-MN Datasheet HTML 4Page - IC-Haus GmbH IC-MN Datasheet HTML 5Page - IC-Haus GmbH IC-MN Datasheet HTML 6Page - IC-Haus GmbH IC-MN Datasheet HTML 7Page - IC-Haus GmbH IC-MN Datasheet HTML 8Page - IC-Haus GmbH IC-MN Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
iC-MN 25-BIT NONIUS ENCODER
WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
Rev F2, Page 3/62
CONTENTS
PACKAGING INFORMATION
5
PIN CONFIGURATION QFN48-7x7 . . . . .
5
ABSOLUTE MAXIMUM RATINGS
6
THERMAL DATA
6
ELECTRICAL CHARACTERISTICS
7
OPERATING REQUIREMENTS
15
I/O Interface . . . . . . . . . . . . . . . . . .
15
CONFIGURATION PARAMETERS
16
REGISTER MAP (EEPROM)
17
OPERATING MODES and CALIBRATION
PROCEDURES
21
Calibration Using
Comparated Sine/Cosine Signals . . . .
22
SIGNAL CONDITIONING for MASTER-,
SEGMENT- and NONIUS-Channel (x= M,S,N) 23
Current Signals . . . . . . . . . . . . . . . . .
23
Voltage Signals . . . . . . . . . . . . . . . . .
23
Gain Adjustment . . . . . . . . . . . . . . . .
23
Offset Calibration . . . . . . . . . . . . . . . .
24
Phase Correction . . . . . . . . . . . . . . . .
26
ANALOG PARAMETERS
27
Signal Level Controller . . . . . . . . . . . . .
27
Bias Current Source . . . . . . . . . . . . . .
28
Temperature Sensor . . . . . . . . . . . . . .
28
Signal Noise Filters . . . . . . . . . . . . . .
28
SINE-TO-DIGITAL CONVERSION MODES
29
Internal Bit Lengths . . . . . . . . . . . . . .
29
S/D CONVERSION with NONIUS
CALCULATION
30
Output Data Verification . . . . . . . . . . . .
30
Op. Mode Descriptions Of Nonius Modes . .
30
MODE_ST Codes 0x00, 0x01, 0x02 . . . . .
30
MODE_ST Codes 0x03, 0x04 . . . . . . . . .
30
MODE_ST Codes 0x05, 0x06, 0x7 . . . . . .
30
MODE_ST Codes 0x08, 0x09, 0xA . . . . . .
31
MODE_ST Code 0x0B . . . . . . . . . . . . .
31
Principle PPR And Bit Length Dependencies
31
Digital Frequency Monitoring . . . . . . . . .
32
S/D CONVERSION with MULTITURN
SYNCHRONIZATION
33
Description Of Multiturn Operating Modes . .
33
MODE_ST Code 0x0C . . . . . . . . . . . . .
33
MODE_ST Code 0x0D . . . . . . . . . . . . .
33
MODE_ST Code 0x0E . . . . . . . . . . . . .
33
MODE_ST Code 0x0F . . . . . . . . . . . . .
33
S/D CONVERSION with DIRECT OUTPUT
34
Op. Mode Descriptions Of Direct Output Modes 34
MODE_ST Code 0x0C . . . . . . . . . . . . .
34
MODE_ST Code 0x0D . . . . . . . . . . . . .
34
MODE_ST Code 0x0E . . . . . . . . . . . . .
34
MODE_ST Code 0x0F . . . . . . . . . . . . .
34
TRACK OFFSET CALIBRATION
35
I/O INTERFACE
36
Protocol . . . . . . . . . . . . . . . . . . . . .
36
Output Data Length . . . . . . . . . . . . . .
36
Output Options . . . . . . . . . . . . . . . . .
37
I/O INTERFACE with EXTENDED FUNCTIONS
38
Protocol . . . . . . . . . . . . . . . . . . . . .
38
Output Data Length . . . . . . . . . . . . . .
39
Output Options . . . . . . . . . . . . . . . . .
39
Safety Application Settings . . . . . . . . . .
40
Busy Register . . . . . . . . . . . . . . . . . .
40
CONFIGURATION OF DIGITAL DRIVER
OUTPUTS
41
COMMAND and STATUS REGISTERS
42
Execution Of Internal Commands . . . . . . .
42
Execution Of Protocol Commands . . . . . .
42
Automatic Reset Function . . . . . . . . . . .
42
Status Register . . . . . . . . . . . . . . . . .
43
Non-Volatile Diagnosis Memory . . . . . . . .
43
ERROR AND WARNING BIT
45
Visibility Of Latched Status Messages . . . .
46
MT INTERFACE
47
Configuration Of Data Lengths . . . . . . . .
47
Error Handling . . . . . . . . . . . . . . . . .
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com