Electronic Components Datasheet Search
  English  ▼

X  

IC-MN Datasheet(PDF) 41 Page - IC-Haus GmbH

Part # IC-MN
Description  25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MN Datasheet(HTML) 41 Page - IC-Haus GmbH

Back Button IC-MN Datasheet HTML 37Page - IC-Haus GmbH IC-MN Datasheet HTML 38Page - IC-Haus GmbH IC-MN Datasheet HTML 39Page - IC-Haus GmbH IC-MN Datasheet HTML 40Page - IC-Haus GmbH IC-MN Datasheet HTML 41Page - IC-Haus GmbH IC-MN Datasheet HTML 42Page - IC-Haus GmbH IC-MN Datasheet HTML 43Page - IC-Haus GmbH IC-MN Datasheet HTML 44Page - IC-Haus GmbH IC-MN Datasheet HTML 45Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
iC-MN 25-BIT NONIUS ENCODER
WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
Rev F2, Page 41/62
CONFIGURATION OF DIGITAL DRIVER OUTPUTS
The digital outputs SLO and NSLO can be used as ei-
ther a push-pull, lowside or highside driver. The mode
of operation is determined by DTRI. The driving capa-
bility is set via the short-circuit current parameter.
In order to meet RS422 specifications a short-circuit cur-
rent of 50 mA should be selected as well as to reduce
the internal power dissipation. The driving capability
can be reduced when external line drivers are used.
In order to reduce crosstalk and to improve EMC the
slew rate can be selected to suit the line length. If
the edge steepness is reduced to 300 ns the maxi-
mum permissible transmission frequency is limited to
ca. 300 kHz if RS422 specifications are to be adhered
to.
DTRI
Addr. 0x48; bit 3:2
Code
Operating mode
00
Push-pull operation
01
Highside driver mode (P channel open drain)
10
Lowside driver mode (N channel open drain)
11
Not permitted
Table 67: Driver output mode
DSC
Addr. 0x48; bit 1:0
Code
Short-circuit current
00
50 mA
01
20 mA
10
4 mA
11
1.2 mA
Table 68: Driver short-circuit current
DSR
Addr. 0x48; bit 5:4
Code
Slew rate
Permissible transmission
frequency
00
10 ns
10 MHz max.
01
30 ns
3 MHz max.
10
100 ns
1 MHz max.
11
300 ns
300 kHz max.
Table 69: Driver slew-rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com