Electronic Components Datasheet Search
  English  ▼

X  

AD9208 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9208
Description  14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9208 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9208 Datasheet HTML 45Page - Analog Devices AD9208 Datasheet HTML 46Page - Analog Devices AD9208 Datasheet HTML 47Page - Analog Devices AD9208 Datasheet HTML 48Page - Analog Devices AD9208 Datasheet HTML 49Page - Analog Devices AD9208 Datasheet HTML 50Page - Analog Devices AD9208 Datasheet HTML 51Page - Analog Devices AD9208 Datasheet HTML 52Page - Analog Devices AD9208 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 137 page
background image
AD9208
Data Sheet
Rev. 0 | Page 48 of 136
Only one NCO channel is active at a time and NCO channel
selection is controlled either by the CMOS GPIO pins or
through the register map.
Each NCO channel selector supports three different modes,
described as follows:
GPIO level control mode. In this mode, the GPIO pins
determine the exact NCO channel selected.
GPIO edge control mode. A low to high transition on a
single GPIO pin determines the exact NCO channel
selected. The internal channel selection counter is reset by
either SYSREF± or by the DDC soft reset.
Register map mode. In this mode, the NCO channel
selected is determined directly through the register map.
The following procedure must be followed to use GPIO level
control mode for NCO channel selection:
1.
Configure one or more GPIO pins as NCO channel
selection inputs. The GPIO pins not configured as NCO
channel selection inputs are internally tied low.
a.
To use GPIO_A0, write Bits[2:0] in Register 0x0040 to
0x6 and Bits[3:0] in Register 0x0041 to 0x0.
b.
To use GPIO_B0, write Bits[5:3] in Register 0x0040 to
0x6 and Bits[7:4] in Register 0x0041 to 0x0.
c.
To use GPIO_A1, write Bits[3:0] in Register 0x0042 to
0x0.
d.
To use GPIO_B1, write Bits[7:4] in Register 0x0042 to
0x0.
2.
Configure the NCO channel selector in GPIO level control
mode by setting Bits[7:4] in the NCO control registers
(Register 0x0314, Register 0x0334, Register 0x0354, and
Register 0x0374) to 0x1 through 0x6, depending on the
desired GPIO pin order.
3.
Select the desired NCO channel through the GPIO pins.
The following procedure must be followed to use GPIO edge
control mode for NCO channel selection:
1.
Configure one or more GPIO pins as NCO channel
selection inputs.
a.
To use GPIO_A0, write Bits[2:0] in Register 0x0040 to
0x6 and Bits[3:0] in Register 0x0041 to 0x0.
b.
To use GPIO_B0, write Bits[5:3] in Register 0x0040 to
0x6 and Bits[7:4] in Register 0x0041 to 0x0.
c.
To use GPIO_A1, write Bits[3:0] in Register 0x0042 to
0x0.
d.
To use GPIO_B1, write Bits[7:4] in Register 0x0042 to
0x0.
2.
Configure the NCO channel selector in GPIO edge control
mode by setting Bits[7:4] in the NCO control registers
(Register 0x0314, Register 0x0334, Register 0x0354, and
Register 0x0374) to 0x8 through 0xB, depending on the
desired GPIO pin.
3.
Configure the wrap point for the NCO channel selection
by setting Bits[3:0] in the NCO control registers
(Register 0x0314, Register 0x0334, Register 0x0354, and
Register 0x0374). A value of 4 causes the channel selection
to wrap at Channel 4 (for example, 0, 1, 2, 3, 4, 0, 1, 2, 3, 4).
4.
Transition the selected GPIO pin from low to high to
increment the NCO channel selection.
Figure 90 shows an example use case for coherent mode using
three NCO channels. In this example, NCO Channel 0 is actively
downconverting Bandwidth 0 (B0), while NCO Channel 1 and
Channel 2 are in standby mode and are tuned to Bandwidth 1
and Bandwidth 2 (B1 and B2), respectively.
fS/2
DC
B1
NCO CHANNEL 0
CARRIER FREQUENCY 0
(ACTIVE)
NCO CHANNEL 1
CARRIER FREQUENCY 1
(STANDBY)
NCO CHANNEL 2
CARRIER FREQUENCY 2
(STANDBY)
B2
B0
f0
f1
f2
ACTIVE
DDC
Figure 90. NCO Coherent Mode with Three NCO Channels (B0 Selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com