Electronic Components Datasheet Search
  English  ▼

X  

AD9208 Datasheet(PDF) 95 Page - Analog Devices

Part # AD9208
Description  14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9208 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD9208 Datasheet HTML 91Page - Analog Devices AD9208 Datasheet HTML 92Page - Analog Devices AD9208 Datasheet HTML 93Page - Analog Devices AD9208 Datasheet HTML 94Page - Analog Devices AD9208 Datasheet HTML 95Page - Analog Devices AD9208 Datasheet HTML 96Page - Analog Devices AD9208 Datasheet HTML 97Page - Analog Devices AD9208 Datasheet HTML 98Page - Analog Devices AD9208 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 137 page
background image
AD9208
Data Sheet
Rev. 0 | Page 94 of 136
Addr.
Name
Bits
Bit Name
Settings
Description
Reset Access
0x000C
Vendor ID LSB
[7:0]
Vendor ID LSB
Vendor ID [7:0].
0x56
R
0x000D
Vendor ID MSB
[7:0]
Vendor ID MSB
Vendor ID [15:8].
0x04
R
0x000F
Transfer
[7:1]
Reserved
Reserved.
0x0
R
0
Chip transfer
Self clearing chip transfer bit. This bit is used to update the
DDC phase increment and phase offset registers when DDC
phase update mode (Register 0x0300, Bit 7 ) = 1. This makes it
possible to synchronously update the DDC mixer frequencies.
This bit is also used to update the coefficients for the
programmable filter (PFILT).
0x0
R/W
0
Do nothing. Bit is only cleared after transfer is complete.
1
Self clearing bit used to synchronize the transfer of data from
master to slave registers.
Clock/SYSREF/Chip PDWN Pin Control Registers
0x003F
Chip PDWN pin
(local)
7
Local chip PDWN pin
disable
Function is determined by Register 0x0040, Bits[7:6].
0x0
R/W
0
Power-down pin (PDWN/STBY) enabled (default).
1
Power-down pin (PDWN/STBY) disabled/ignored.
[6:0]
Reserved
Reserved.
0x0
R
0x0040
Chip Pin Control 1
[7:6]
Global chip PDWN pin
functionality
External power-down pin functionality. Assertion of the
external power-down pin (PDWN/STBY) has higher priority
than the channel power mode control bits (Register 0x0002,
Bits[1:0]). The PDWN/STBY pin is only used when Register 0x0040,
Bits[7:6] = 00 or 01.
0x0
R/W
00
Power-down pin (default). Assertion of external power-down pin
(PDWN/STBY) causes the chip to enter full power-down mode.
01
Standby pin. Assertion of external power-down pin (PDWN/STBY)
causes the chip to enter standby mode.
10
Pin disabled. Power-down pin (PDWN/STBY) is ignored.
[5:3]
Chip FD_B/GPIO_B0 pin
functionality
Fast Detect B/GPIO B0 pin functionality.
0x7
R/W
000
Fast Detect B output.
001
JESD204B LMFC output.
110
Pin functionality determined by 0x0041[7:4]
111
Disabled. Configured as input with weak pull-down (default).
[2:0]
Chip FD_A/GPIO_A0 pin
functionality
Fast Detect A/GPIO A0 pin functionality.
0x7
R/W
000
Fast Detect A output.
001
JESD204B LMFC output.
110
Pin functionality determined by Register 0x0041, Bits[3:0]
111
Disabled. Configured as an input with weak pull-down (default).
0x0041
Chip Pin Control 2
[7:4]
Chip FD_B/GPIO_B0 pin
secondary functionality
Fast Detect B/GPIO B0 pin secondary functionality (only used
when Register 0x0040, Bits[5:3] = 110).
0x0
R/W
0000
Chip GPIO B0 input (NCO channel selection).
0001
Chip transfer input.
1000
Master next trigger output (MNTO).
1001
Slave next trigger input (SNTI).
[3:0]
Chip FD_A/GPIO_A0 pin
secondary functionality
Fast Detect A/GPIO B0 pin secondary functionality (only used
when Register 0x0040, Bits[2:0] = 110).
0x0
R/W
0000
Chip GPIO A0 input (NCO channel selection).
0001
Chip transfer input.
1000
Master next trigger output (MNTO).
1001
Slave next trigger input (SNTI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com