Electronic Components Datasheet Search
  English  ▼

X  

AD9208 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9208
Description  14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9208 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9208 Datasheet HTML 29Page - Analog Devices AD9208 Datasheet HTML 30Page - Analog Devices AD9208 Datasheet HTML 31Page - Analog Devices AD9208 Datasheet HTML 32Page - Analog Devices AD9208 Datasheet HTML 33Page - Analog Devices AD9208 Datasheet HTML 34Page - Analog Devices AD9208 Datasheet HTML 35Page - Analog Devices AD9208 Datasheet HTML 36Page - Analog Devices AD9208 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 137 page
background image
AD9208
Data Sheet
Rev. 0 | Page 32 of 136
ADC
A
ADC
B
ADC
DIGITAL
VREF
JESD204B DRIVER
TEMPERATURE DIODE
LOCATIONS
CHANNEL A, CENTRAL,
CHANNEL B
Figure 72. Temperature Diode Locations in the Die
The temperature diode voltages can be exported to the VREF pin
using the SPI. Use Register 0x18E6 to enable or disable diodes.
It is important to note that other voltages may be exported to
the VREF pin at the same time, which can result in undefined
behavior. To ensure a proper readout, switch off all other voltage
exporting circuits as described in this section. Figure 73 shows
the block diagram of the controls that are required to enable the
diode voltage readout.
TEMPERATURE DIODE
LOCATION SELECT
SPI REGISTER (0x18E6)
VREF PIN
CONTROL
SPI REGISTER
(0x18A6)
CHANNEL A
CENTRAL
VREF
CHANNEL B
Figure 73. Register Controls to Output Temperature Diode Voltage on the
VREF Pin
The SPI writes required to export the central temperature diode
are as follows (see Table 46 for more information):
1.
Set Register 0x0008 to 0x03 to select both channels.
2.
Set Register 0x18E3 to 0x00 to turn off VCM export.
3.
Set Register 0x18A6 to 0x00 to turn off voltage reference
export.
4.
Set Register 0x18E6 to 0x01 to turn on voltage export of
the central 1× temperature diode. The typical voltage
response of the temperature diode is shown in Figure 74.
Although this voltage represents the die temperature, it is
recommended to take measurements from a pair of diodes
for improved accuracy. The following step explains how to
enable the 20× diode.
5.
Set Register 0x18E6 to 0x02 to turn on the second central
temperature diode of the pair, which is 20× the size of the
first. For the method using two diodes simultaneously to
achieve a more accurate result, see the AN-1432 Application
Note, Practical Thermal Modeling and Measurements in
High Power ICs.
0.80
0.75
0.70
0.65
0.60
0.55
0.50
–40
–20
0
20
JUNCTION TEMPERATURE (°C)
40
60
80
100
Figure 74. Typical Voltage Response of the 1× Temperature Diode
The relationship between the measured delta voltage (ΔV) and
the junction temperature in °C is shown in Figure 75.
150
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
60
65
70
75
80
85
90
95
100
105
110
DELTA VOLTAGE (mV)
Figure 75. Junction Temperature vs. ΔV (mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com