Electronic Components Datasheet Search
  English  ▼

X  

AD9208 Datasheet(PDF) 97 Page - Analog Devices

Part # AD9208
Description  14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9208 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9208 Datasheet HTML 93Page - Analog Devices AD9208 Datasheet HTML 94Page - Analog Devices AD9208 Datasheet HTML 95Page - Analog Devices AD9208 Datasheet HTML 96Page - Analog Devices AD9208 Datasheet HTML 97Page - Analog Devices AD9208 Datasheet HTML 98Page - Analog Devices AD9208 Datasheet HTML 99Page - Analog Devices AD9208 Datasheet HTML 100Page - Analog Devices AD9208 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 137 page
background image
AD9208
Data Sheet
Rev. 0 | Page 96 of 136
Addr.
Name
Bits
Bit Name
Settings
Description
Reset Access
0x010B
Clock divider
SYSREF status
[7:4]
Reserved
Reserved.
0x0
R
[3:0]
Clock divider SYSREF
offset
Clock divider phase status (measured in ½ clock cycles).
Internal clock divider phase of the captured SYSREF signal
applied to the phase offset. Only used when 0x010A[7] = 1.
When Register 0x010A, Bit 7 = 1, Register 0x010A, Bits[3:2] = 0,
and Register 0x010A, Bits[1:0] = 0, the clock divider SYSREF
offset = Register 0x0129, Bits[3:0].
0x0
R
0x0110
Clock delay control [7:3]
Reserved
Reserved.
0x0
R
[2:0]
Clock delay mode select
Clock delay mode select. Used in conjunction with
Register 0x0111 and Register 0x0112.
0x0
R/W
000
No clock delay.
010
Fine delay: only 0 to 16 delay steps are valid.
011
Fine delay (lowest jitter): only 0 to 16 delay steps are valid.
100
Fine delay: all 192 delay steps are valid.
110
Fine delay enabled (all 192 delay steps are valid); superfine
delay enabled (all 128 delay steps are valid).
0x0111
Clock superfine
delay (local)
[7:0]
Clock superfine delay
adjust
Clock superfine delay adjust. This is an unsigned control to
adjust the superfine sample clock delay in 0.25 ps steps. These
bits are only used when Register 0x0110, Bits[2:0] = 010 or 110.
0x0
R/W
0x00
0 delay steps.
…
…
0x08
8 delay steps.
…
…
0x80
128 delay steps.
0x0112
Clock fine delay
(local)
[7:0]
Set clock fine delay
Clock fine delay adjust. This is an unsigned control to adjust the
fine sample clock skew in 1.725 ps steps. These bits are only
used when Register 0x0110, Bits[2:0] = 0x2, 0x3, 0x4, or 0x6.
Minimum = 0. Maximum = 192. Increment = 1. Unit = delay
steps.
0xC0
R/W
0x00
0 delay steps.
…
…
0x08
8 delay steps.
…
…
0xC0
192 delay steps.
0x011B
Clock status
[7:1]
Reserved
Reserved.
0x0
R
0
Input clock detect
Clock detection status.
0x0
R
0
Input clock not detected.
1
Input clock detected/locked.
0x011C
Clock Duty Cycle
Stabilizer 1 control
(local)
[7:2]
Reserved
Reserved
0x0
R/W
1
DCS1 enable
Clock DCS1 enable.
0x1
R/W
0
DCS1 bypassed.
1
DCS1 enabled.
0
DCS1 power up
Clock DCS1 power-up.
0x1
R/W
0
DCS1 powered down.
1
DCS1 powered up.
0x011E
Clock Duty Cycle
Stabilizer 2 control
[7:2]
Reserved
Reserved.
0x0
R/W
1
DCS2 enable
Clock DCS2 enable.
0x1
R/W
0
DCS2 bypassed.
1
DCS2 enabled.
0
DCS2 power up
Clock DCS2 power-up.
0x1
R/W
0
DCS2 powered down.
1
DCS2 powered up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com