Electronic Components Datasheet Search
  English  ▼

X  

AD9208 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9208
Description  14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9208 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9208 Datasheet HTML 27Page - Analog Devices AD9208 Datasheet HTML 28Page - Analog Devices AD9208 Datasheet HTML 29Page - Analog Devices AD9208 Datasheet HTML 30Page - Analog Devices AD9208 Datasheet HTML 31Page - Analog Devices AD9208 Datasheet HTML 32Page - Analog Devices AD9208 Datasheet HTML 33Page - Analog Devices AD9208 Datasheet HTML 34Page - Analog Devices AD9208 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 137 page
background image
AD9208
Data Sheet
Rev. 0 | Page 30 of 136
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. The AD9208 contains an
internal clock divider and a duty cycle stabilizer comprised of
DCS1 and DCS2, which is enabled by default. In applications
where the clock duty cycle cannot be guaranteed to be 50%, a
higher multiple frequency clock along with the usage of the
clock divider is recommended.
When it is not possible to provide a higher frequency clock, it is
recommended to turn on the DCS using Register 0x011C and
Register 0x011E. Figure 67 shows the different controls to the
AD9208 clock inputs. The output of the divider offers a 50%
duty cycle, high slew rate (fast edge) clock signal to the internal
ADC. See the Memory Map section for more details on using
this feature.
Input Clock Divider
The AD9208 contains an input clock divider with the ability to
divide the input clock by 1, 2, or 4. Select the divider ratios
using Register 0x0108 (see Figure 67).
The maximum frequency at the CLK± inputs is 6 GHz, which is
the limit of the divider. In applications where the clock input is
a multiple of the sample clock, take care to program the appropriate
divider ratio into the clock divider before applying the clock
signal; this ensures that the current transients during device
startup are controlled.
REG 0x011C,
0x011E
REG 0x0108
CLK+
CLK–
÷2
÷4
Figure 67. Clock Divider Circuit
The AD9208 clock divider can be synchronized using the
external SYSREF± input. A valid SYSREF± signal causes the
clock divider to reset to a programmable state. This synchro-
nization feature allows multiple devices to have their clock
dividers aligned to guarantee simultaneous input sampling. See
the Memory Map Register Details section for more information.
Input Clock Divider ½ Period Delay Adjust
The input clock divider in the AD9208 provides phase delay in
increments of ½ the input clock cycle. Program Register 0x0109
to enable this delay independently for each channel. Changing
this register does not affect the stability of the JESD204B link.
Clock Fine Delay and Superfine Delay Adjust
Adjust the AD9208 sampling edge instant by writing to
Register 0x0110, Register 0x0111, and Register 0x0112. Bits[2:0]
of Register 0x0110 enable the selection of the fine delay, or the
fine delay with superfine delay. The fine delay allows the user to
delay the clock edges with 16 step or 192 step delay options. The
superfine delay is an unsigned control to adjust the clock delay
in superfine steps of 0.25 ps each.
Register 0x0112, Bits[7:0] offer the user the option to delay
the clock in 192 delay steps. Register 0x0111, Bits[7:0] offer the
user the option to delay the clock in 128 superfine steps. These
values can be programmed individually for each channel. To
use the superfine delay option, set the clock delay control in
Register 0x0110, Bits[2:0] to 0x2 or 0x6. Figure 68 shows the
controls available to the clock dividers within AD9208. It is
recommended to apply the same delay settings to the digital
delay circuits as are applied to the analog delay circuits to
maintain sample accuracy through the pipe.
PHASE
CH. B
PHASE
CH. A
CLK_DIV
0x0108
0x0109
FINE DELAY
0x0110,
0x0111,
0x0112
CHANNEL B
CHANNEL A
CLK INPUT
Figure 68. Clock Divider Phase and Delay Controls
The clock delay adjustment takes effect immediately when it is
enabled via SPI writes. Enabling the clock fine delay adjust in
Register 0x0110 causes a datapath reset. However, the contents
of Register 0x0111 and Register 0x0112 can be changed without
affecting the stability of the JESD204B link.
Clock Coupling Considerations
The AD9208 has many different domains within the analog
supply that control various aspects of the data conversion. The
clock domain is supplied by Pin A4, Pin A5, Pin A10, Pin A11,
Pin B4, and Pin B11 on the analog supply, AVDD1 (0.975 V)
and Pin A6, Pin A9, Pin B6, Pin B7, Pin B8, Pin B9, Pin C6,
Pin C7, Pin C8, Pin C9, Pin D7, and Pin D8 on the ground
(AGND) side. To minimize coupling between the clock supply
domain and the other analog domains, it is recommended to
add a supply Q factor reduction circuitry (de-Q) for Pin A4 and
Pin A11, as well as Pin B4 and Pin B11, as shown in Figure 69.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com