Electronic Components Datasheet Search
  English  ▼

X  

AD9608 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9608 Datasheet HTML 32Page - Analog Devices AD9608 Datasheet HTML 33Page - Analog Devices AD9608 Datasheet HTML 34Page - Analog Devices AD9608 Datasheet HTML 35Page - Analog Devices AD9608 Datasheet HTML 36Page - Analog Devices AD9608 Datasheet HTML 37Page - Analog Devices AD9608 Datasheet HTML 38Page - Analog Devices AD9608 Datasheet HTML 39Page - Analog Devices AD9608 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Data Sheet
AD9608
Rev. C | Page 35 of 40
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Comments
0x0B
Clock
divide
(global)
Open
Open
Open
Open
Open
Clock divide ratio
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
The divide
ratio is
value plus 1
0x0C
Enhance-
ment
control
(global)
Open
Open
Open
Open
Open
Chop mode
0 = disabled
1 = enabled
Open
Open
0x00
Chop mode
enabled if
Bit 2 = 1
0x0D
Test
mode
(local)
User test mode control
00 = single pattern
mode
01 = alternate
continuous/repeat
pattern mode
10 = single once
pattern mode
11 = alternate once
pattern mode
ResetPN
longgen
Reset PN
short gen
Output test mode
0000 = off (default)
0001 = midscale short
0010 = positive FS
0011 = negative FS
0100 = alternating checkerboard
0101 = PN long sequence
0110 = PN short sequence
0111 = one/zero word toggle
1000 = user test mode
1111 = ramp output
0x00
When this
register is
set, the test
data is
placed on
the output
pins in
place of
normal data
0x10
Customer
offset
adjust
(local)
Offset adjust in LSBs from +127 to −128
(twos complement format)
0x00
0x14
Output
mode
Output port logic
type (global)
00 = CMOS, 1.8 V
10 = LVDS, ANSI
11 = LVDS, reduced
range
Output
interleave
enable
(global)
Output
port disable
(local)
Open
(global)
Output
invert
(local)
Output format
00 = offset binary
01 = twos complement
10 = Gray code
0x00
Configures
the outputs
and the
format of
the data
0x15
Output
adjust
Open
Open
CMOS 1.8 V DCO drive
strength
00 = 1×
01 = 2×
10 = 3×
11 = 4×
Open
Open
CMOS 1.8 V data
drive strength
00 = 1×
01 = 2×
10 = 3×
11 = 4×
0x00
Determines
CMOS
output
drive
strength
properties
0x16
Clock
phase
control
(global)
Invert
DCO
clock
0 = not
inverted
1 =
inverted
Open
Open
Open
Open
Input clock divider phase adjust
relative to the encode clock
000 = no delay
001 = 1 input clock cycle
010 = 2 input clock cycles
011 = 3 input clock cycles
100 = 4 input clock cycles
101 = 5 input clock cycles
110 = 6 input clock cycles
111 = 7 input clock cycles
0x00
Allows
selection of
clock delays
into the
input clock
divider
0x17
Output
delay
(global)
DCO
clock
delay
0 =
disabled
1 =
enabled
Open
Data delay
0 = disabled
1 = enabled
Open
Open
Delay selection
000 = 0.56 ns
001 = 1.12 ns
010 = 1.68 ns
011 = 2.24 ns
100 = 2.80 ns
101 = 3.36 ns
110 = 3.92 ns
111 = 4.48 ns
0x00
This sets
the fine
output
delay of the
output
clock but
does not
change
internal
timing
0x18
VREF
select
(global)
Open
Open
Open
Open
Open
Internal VREF digital adjustment
000 = 1.0 V p-p
001 = 1.14 V p-p
010 = 1.33 V p-p
011 = 1.6 V p-p
100 = 2.0 V p-p
0x04
Select
and/or
adjust VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com