Electronic Components Datasheet Search
  English  ▼

X  

AD9608 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 5 Page - Analog Devices

  AD9608 Datasheet HTML 1Page - Analog Devices AD9608 Datasheet HTML 2Page - Analog Devices AD9608 Datasheet HTML 3Page - Analog Devices AD9608 Datasheet HTML 4Page - Analog Devices AD9608 Datasheet HTML 5Page - Analog Devices AD9608 Datasheet HTML 6Page - Analog Devices AD9608 Datasheet HTML 7Page - Analog Devices AD9608 Datasheet HTML 8Page - Analog Devices AD9608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AD9608
Data Sheet
Rev. C | Page 4 of 40
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, unless
otherwise noted.
Table 1.
AD9608-105
AD9608-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
10
10
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
−1.0
−0.3
+0.4
−1.0
−0.3
+0.4
% FSR
Gain Error
Full
−2.8
±1.5
+9.0
−2.8
±1.5
+9.0
% FSR
Differential Nonlinearity (DNL)1
Full
±0.35
±0.35
LSB
25°C
±0.12
±0.13
LSB
Integral Nonlinearity (INL)1
Full
±0.40
±0.40
LSB
25°C
±0.14
±0.14
LSB
MATCHING CHARACTERISTIC
Offset Error
Full
±0.1
±1.0
±0.1
±1.0
% FSR
Gain Error
Full
±0.5
±6.5
±0.5
±6.5
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
ppm/°C
Gain Error
Full
±50
±50
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
Full
0.98
1.00
1.02
0.98
1.00
1.02
V
Load Regulation Error at 1.0 mA
Full
2
2
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
0.08
0.08
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
V p-p
Input Capacitance2
Full
5
5
pF
Input Resistance (Differential)
Full
7.5
7.5
kΩ
Input Common-Mode Voltage
Full
0.9
0.9
V
Input Common-Mode Range
Full
0.5
1.3
0.5
1.3
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
IAVDD1
Full
76.8
82.0
87.7
93.0
mA
IDRVDD1 (1.8 V CMOS)
Full
14.7
17.4
mA
IDRVDD1 (1.8 V LVDS)
Full
48.5
49.7
mA
POWER CONSUMPTION
DC Input
Full
125
141
mW
Sine Wave Input1 (DRVDD = 1.8 V CMOS Output Mode)
Full
165
174
189
199
mW
Sine Wave Input1 (DRVDD = 1.8 V LVDS Output Mode)
Full
226
247
mW
Standby Power3
Full
108
120
mW
Power-Down Power
Full
2.0
2.0
mW
1
Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2
Input capacitance refers to the effective capacitance between one differential input pin and AGND.
3
Standby power is measured with a dc input and with the CLK± pins active (1.8 V CMOS mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com