Electronic Components Datasheet Search
  English  ▼

X  

AD9608 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9608 Datasheet HTML 19Page - Analog Devices AD9608 Datasheet HTML 20Page - Analog Devices AD9608 Datasheet HTML 21Page - Analog Devices AD9608 Datasheet HTML 22Page - Analog Devices AD9608 Datasheet HTML 23Page - Analog Devices AD9608 Datasheet HTML 24Page - Analog Devices AD9608 Datasheet HTML 25Page - Analog Devices AD9608 Datasheet HTML 26Page - Analog Devices AD9608 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
AD9608
Data Sheet
Rev. C | Page 22 of 40
EQUIVALENT CIRCUITS
AVDD
VIN±x
Figure 34. Equivalent Analog Input Circuit
CLK+
CLK–
0.9V
15kΩ
5Ω
5Ω
15kΩ
Figure 35. Equivalent Clock Input Circuit
DRVDD
PAD
Figure 36. Equivalent Digital Output Circuit
30kΩ
30kΩ
SDIO/DCS
350Ω
AVDD
DRVDD
Figure 37. Equivalent SDIO/DCS Input Circuit
350Ω
DRVDD
30kΩ
SCLK/DFS, SYNC,
OEB, AND PDWN
Figure 38. Equivalent SCLK/DFS, SYNC, OEB, and PDWN Input Circuit
SENSE
375Ω
AVDD
Figure 39. Equivalent SENSE Circuit
30kΩ
CSB
350Ω
AVDD
DRVDD
Figure 40. Equivalent CSB Input Circuit
7.5k
Ω
VREF
375
Ω
AVDD
Figure 41. Equivalent VREF Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com