Electronic Components Datasheet Search
  English  ▼

X  

AD9608 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9608 Datasheet HTML 22Page - Analog Devices AD9608 Datasheet HTML 23Page - Analog Devices AD9608 Datasheet HTML 24Page - Analog Devices AD9608 Datasheet HTML 25Page - Analog Devices AD9608 Datasheet HTML 26Page - Analog Devices AD9608 Datasheet HTML 27Page - Analog Devices AD9608 Datasheet HTML 28Page - Analog Devices AD9608 Datasheet HTML 29Page - Analog Devices AD9608 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Data Sheet
AD9608
Rev. C | Page 25 of 40
In any configuration, the value of Shunt Capacitor C is dependent
on the input frequency and source impedance and may need to
be reduced or removed. Table 11 displays the suggested values to
set the RC network. However, these values are dependent on the
input signal and should be used only as a starting guide.
Table 11. Example RC Network
Frequency Range (MHz)
R Series
(Ω Each)
C Differential (pF)
0 to 70
33
22
70 to 200
125
Open
It is not recommended to drive the AD9608 inputs single-ended.
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD9608. The VREF pin can be configured using either the internal
1.0 V reference or an externally applied 1.0 V reference voltage.
The various reference modes are summarized in the sections
that follow. The Reference Decoupling section describes the
best practices PCB layout of the reference.
Internal Reference Connection
A comparator within the AD9608 detects the potential at the
SENSE pin and configures the reference into two possible modes,
which are summarized in Table 12. If SENSE is grounded, the
reference amplifier switch is connected to the internal resistor
divider (see Figure 48), setting VREF to 1.0 V.
VREF
SENSE
0.5V
ADC
SELECT
LOGIC
0.1µF
1.0µF
VIN–A/VIN–B
VIN+A/VIN+B
ADC
CORE
Figure 48. Internal Reference Configuration
If the internal reference of the AD9608 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 49 shows
how the internal reference voltage is affected by loading.
0
–3.0
02.0
LOAD CURRENT (mA)
–0.5
–1.0
–1.5
–2.0
–2.5
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
1.2
INTERNAL VREF = 1.00V
Figure 49. VREF Accuracy vs. Load Current
Table 12. Reference Configuration Summary
Selected Mode
SENSE Voltage (V)
Resulting VREF (V)
Resulting Differential Span (V p-p)
Fixed Internal Reference
AGND to 0.2
1.0 internal
2.0
Fixed External Reference
AVDD
1.0 applied to external VREF pin
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com