Electronic Components Datasheet Search
  English  ▼

X  

AD9608 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 1 Page - Analog Devices

  AD9608 Datasheet HTML 1Page - Analog Devices AD9608 Datasheet HTML 2Page - Analog Devices AD9608 Datasheet HTML 3Page - Analog Devices AD9608 Datasheet HTML 4Page - Analog Devices AD9608 Datasheet HTML 5Page - Analog Devices AD9608 Datasheet HTML 6Page - Analog Devices AD9608 Datasheet HTML 7Page - Analog Devices AD9608 Datasheet HTML 8Page - Analog Devices AD9608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
10-Bit, 125/105 MSPS, 1.8 V Dual
Analog-to-Digital Converter (ADC)
Data Sheet
AD9608
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.8 V analog supply operation
1.8 V CMOS or 1.8 V LVDS output
SNR = 61.7 dBFS at 70 MHz
SFDR = 85 dBc at 70 MHz
Low power: 95 mW/channel at 125 MSPS
Differential analog input with 650 MHz bandwidth
IF sampling frequencies to 200 MHz
On-chip voltage reference and sample-and-hold circuit
2 V p-p differential analog input
DNL = ±0.13 LSB
Serial port control options
Offset binary, Gray code, or twos complement data format
Optional clock duty cycle stabilizer
Integer 1-to-8 input clock divider
Data output multiplex option
Built-in selectable digital test pattern generation
Energy-saving power-down modes
Data clock out with programmable clock and data
alignment
APPLICATIONS
Communications
Diversity radio systems
I/Q demodulation systems
Broadband data applications
Battery-powered instruments
Handheld scope meters
Portable medical imaging
Ultrasound
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
VREF
SENSE
VCM
RBIAS
VIN–B
VIN+B
ORA
D0A
D9A
DCOA
DRVDD
ORB
D9B
D0B
DCOB
SDIO
AGND
AVDD
SCLK
SPI
PROGRAMMING DATA
PDWN DFS
CLK+ CLK–
MODE
CONTROLS
DCS
DUTY CYCLE
STABILIZER
SYNC
DIVIDE
1 TO 8
OEB
CSB
REF
SELECT
ADC
ADC
AD9608
NOTES
1. PIN NAMES ARE FOR THE CMOS PIN CONFIGURATION ONLY;
SEE FIGURE 7 FOR LVDS PIN NAMES.
Figure 1.
PRODUCT HIGHLIGHTS
1. Operates from a single 1.8 V analog power supply and
features a separate digital output driver supply to
accommodate 1.8 V CMOS or 1.8 V LVDS logic families.
2. The patented sample-and-hold circuit maintains excellent
performance for input frequencies up to 200 MHz and is
designed for low cost, low power, and ease of use.
3. Includes a standard serial port interface that supports various
product features and functions, such as data output format-
ting, internal clock divider, power-down, DCO/data timing,
and offset adjustments.
4. Packaged in a 64-lead, RoHS-compliant LFCSP that is pin
compatible with the AD9650, AD9269, and AD9268 16-bit
ADCs, the AD9258 and AD9648 14-bit ADCs, the AD9628
and AD9231 12-bit ADCs, and the AD9204 10-bit ADC,
enabling a simple migration path between 10-bit and 16-bit
converters sampling from 20 MSPS to 125 MSPS.


Similar Part No. - AD9608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9608 AD-AD9608 Datasheet
1Mb / 40P
10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9608-125EBZ AD-AD9608-125EBZ Datasheet
1Mb / 40P
10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9608BCPZ-105 AD-AD9608BCPZ-105 Datasheet
1Mb / 40P
10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9608BCPZ-125 AD-AD9608BCPZ-125 Datasheet
1Mb / 40P
10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9608BCPZRL7-105 AD-AD9608BCPZRL7-105 Datasheet
1Mb / 40P
10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results

Similar Description - AD9608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9284 AD-AD9284 Datasheet
626Kb / 24P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. B
AD9628 AD-AD9628_17 Datasheet
1Mb / 43P
1.8 V Dual Analog-to-Digital Converter
Rev. C
AD9642 AD-AD9642_17 Datasheet
1Mb / 29P
1.8 V Analog-to-Digital Converter (ADC)
23-Feb-2017
AD9204 AD-AD9204_17 Datasheet
1Mb / 37P
1.8 V Dual Analog-to-Digital Converter
Rev. A
AD9251 AD-AD9251_17 Datasheet
1Mb / 37P
1.8 V Dual Analog-to-Digital Converter
Rev. B
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9600 AD-AD9600 Datasheet
2Mb / 73P
1.8 V Dual Analog-to-Digital Converter
Rev. B
AD9627 AD-AD9627_17 Datasheet
2Mb / 77P
1.8 V Dual Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com