Electronic Components Datasheet Search
  English  ▼

X  

AD9608 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9608 Datasheet HTML 2Page - Analog Devices AD9608 Datasheet HTML 3Page - Analog Devices AD9608 Datasheet HTML 4Page - Analog Devices AD9608 Datasheet HTML 5Page - Analog Devices AD9608 Datasheet HTML 6Page - Analog Devices AD9608 Datasheet HTML 7Page - Analog Devices AD9608 Datasheet HTML 8Page - Analog Devices AD9608 Datasheet HTML 9Page - Analog Devices AD9608 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Data Sheet
AD9608
Rev. C | Page 5 of 40
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, unless
otherwise noted.
Table 2.
AD9608-105
AD9608-125
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 9.7 MHz
25°C
61.7
61.7
dBFS
fIN = 30.5 MHz
25°C
61.7
61.7
dBFS
fIN = 70 MHz
25°C
61.7
61.7
dBFS
Full
61.3
61.3
dBFS
fIN = 100 MHz
25°C
61.6
61.6
dBFS
fIN = 200 MHz
25°C
61.4
61.4
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 9.7 MHz
25°C
61.6
61.6
dBFS
fIN = 30.5 MHz
25°C
61.6
61.6
dBFS
fIN = 70 MHz
25°C
61.6
61.6
dBFS
Full
61.1
61.1
dBFS
fIN = 100 MHz
25°C
61.5
61.5
dBFS
fIN = 200 MHz
25°C
61.3
61.3
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
9.9
9.9
Bits
fIN = 30.5 MHz
25°C
9.9
9.9
Bits
fIN = 70 MHz
25°C
9.9
9.9
Bits
fIN = 100 MHz
25°C
9.9
9.9
Bits
fIN = 200 MHz
25°C
9.9
9.9
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 9.7 MHz
25°C
−90
−90
dBc
fIN = 30.5 MHz
25°C
−89
−89
dBc
fIN = 70 MHz
25°C
−89
−89
dBc
Full
−75
−75
dBc
fIN = 100 MHz
25°C
−89
−89
dBc
fIN = 200 MHz
25°C
−84
−84
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
85
85
dBc
fIN = 30.5 MHz
25°C
85
85
dBc
fIN = 70 MHz
25°C
85
85
dBc
Full
75
75
dBc
fIN = 100 MHz
25°C
85
85
dBc
fIN = 200 MHz
25°C
84
84
dBc
WORST OTHER (HARMONIC OR SPUR)
fIN = 9.7 MHz
25°C
−85
−85
dBc
fIN = 30.5 MHz
25°C
−85
−85
dBc
fIN = 70 MHz
25°C
−85
−85
dBc
Full
−75
−75
dBc
fIN = 100 MHz
25°C
−85
−85
dBc
fIN = 200 MHz
25°C
−85
−85
dBc
TWO-TONE SFDR
fIN = 29 MHz (−7 dBFS ), 32 MHz (−7 dBFS )
25°C
82
82
dBc
CROSSTALK2
Full
−95
−95
dB
ANALOG INPUT BANDWIDTH
25°C
650
650
MHz
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2
Crosstalk is measured at 100 MHz with −1.0 dBFS on one channel and no input on the alternate channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com