Electronic Components Datasheet Search
  English  ▼

X  

AD9608 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9608 Datasheet HTML 30Page - Analog Devices AD9608 Datasheet HTML 31Page - Analog Devices AD9608 Datasheet HTML 32Page - Analog Devices AD9608 Datasheet HTML 33Page - Analog Devices AD9608 Datasheet HTML 34Page - Analog Devices AD9608 Datasheet HTML 35Page - Analog Devices AD9608 Datasheet HTML 36Page - Analog Devices AD9608 Datasheet HTML 37Page - Analog Devices AD9608 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Data Sheet
AD9608
Rev. C | Page 33 of 40
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into three sections: the chip
configuration registers (Address 0x00 to Address 0x02); the
channel index and transfer registers (Address 0x05 and
Address 0xFF) and the ADC functions registers, including setup,
control, and test (Address 0x08 to Address 0x102).
The memory map register table (see Table 18) lists the default
hexadecimal value for each hexadecimal address shown. The
column with the heading Bit 7 (MSB) is the start of the default
hexadecimal value given. For example, Address 0x05, the device
index register, has a hexadecimal default value of 0x03. This
means that in Address 0x05, Bits[7:2] = 0, and Bits[1:0] = 1.
This setting is the default channel index setting. The default
value results in both ADC channels receiving the next write
command. For more information about this function and others,
see the AN-877 Application Note, Interfacing to High Speed ADCs
via SPI. This application note details the functions controlled by
Register 0x00 to Register 0xFF. The remaining registers are
documented in the Memory Map Register Descriptions section.
Open Locations
All address and bit locations that are not included in Table 18
are not currently supported for this device. Unused bits of a
valid address location should be written with 0s. Writing to these
locations is required only when part of an address location is
open (for example, Address 0x05). If the entire address location
is open (for example, Address 0x13), this address location should
not be written to.
Default Values
After the AD9608 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table, Table 18.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Channel-Specific Registers
Some channel setup functions can be programmed for each
channel individually. In these cases, channel address locations
are internally duplicated for each channel. These registers and
bits are designated in Table 18 as local. These local registers and
bits can be accessed by setting the appropriate Channel A or
Channel B bits in Register 0x05. If both bits are set, the
subsequent write affects the registers of both channels. In a read
cycle, only Channel A or Channel B should be set to read one of
the two registers. If both bits are set during an SPI read cycle,
the part returns the value for Channel A. Registers and bits
designated as global in Table 18 affect the entire part or the
channel features for which independent settings are not allowed
between channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com