Electronic Components Datasheet Search
  English  ▼

X  

AD9608 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9608
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9608 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9608 Datasheet HTML 18Page - Analog Devices AD9608 Datasheet HTML 19Page - Analog Devices AD9608 Datasheet HTML 20Page - Analog Devices AD9608 Datasheet HTML 21Page - Analog Devices AD9608 Datasheet HTML 22Page - Analog Devices AD9608 Datasheet HTML 23Page - Analog Devices AD9608 Datasheet HTML 24Page - Analog Devices AD9608 Datasheet HTML 25Page - Analog Devices AD9608 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Data Sheet
AD9608
Rev. C | Page 21 of 40
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS enabled, unless
otherwise noted.
50
55
60
65
70
75
80
85
90
95
100
0
50
100
150
200
250
ANALOG INPUT FREQUENCY (MHz)
SNRFS
SFDR
Figure 28. SNR/SFDR vs. Input Frequency (AIN) with 2 V p-p Full Scale
0
20
40
60
80
100
120
5
15
25
35
45
55
65
75
85
95
105
SAMPLE RATE (MSPS)
SFDR (dBc)
SNR (dBFS)
Figure 29. SNR/SFDR vs. Sample Rate with AIN = 9.7 MHz
–1.0
–0.5
0
0.5
1.0
0
OUTPUT CODE
1000
500
Figure 30. DNL Error with fIN = 9.7 MHz
0
10
20
30
40
50
60
70
80
90
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNRFS
SFDR
SNR
SFDRFS
Figure 31. SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
0
20
40
60
80
100
120
5
15
25
35
45
55
65
75
85
95
105
SAMPLE RATE (MSPS)
SFDR (dBc)
SNR (dBFS)
Figure 32. SNR/SFDR vs. Sample Rate with AIN = 70 MHz
–1.0
–0.5
0
0.5
1.0
0
200
400
600
800
1000
OUTPUT CODE
Figure 33. INL Error with fIN = 9.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com