Electronic Components Datasheet Search
  English  ▼

X  

AD9246 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9246
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9246 Datasheet HTML 37Page - Analog Devices AD9246 Datasheet HTML 38Page - Analog Devices AD9246 Datasheet HTML 39Page - Analog Devices AD9246 Datasheet HTML 40Page - Analog Devices AD9246 Datasheet HTML 41Page - Analog Devices AD9246 Datasheet HTML 42Page - Analog Devices AD9246 Datasheet HTML 43Page - Analog Devices AD9246 Datasheet HTML 44Page - Analog Devices AD9246 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
AD9246
Rev. A | Page 40 of 44
Item
Qty.
Omit
(DNP)
Reference Designator
Device
Package
Description
Supplier/Part Number
29
6
R1, R6, R563, R565, R574, R577
Resistor
0402
DNI
5
R2, R5, R561, R562, R571
30
6
R10, R11, R12, R535, R536, R575
Resistor
0402
0 Ω
31
2
R3, R4
Resistor
0402
25 Ω
32
6
R7, R8, R9, R502, R510, R511
Resistor
0603
DNI
33
6
R500, R501, R576, R578, R579,
R581
Resistor
0402
DNI
34
4
R503, R548, R549, R550
Resistor
0603
10 kΩ
1
R504
35
1
R505
Resistor
0603
49.9 Ω
9
R506, R508, R509, R512, R554,
R555, R556, R557, R560
36
23
R507, R514, R513, R515, R516,
R517, R518, R519, R520, R521,
R522, R523, R524, R525, R526,
R527, R528, R529, R530, R531,
R532, R533, R534,
Resistor
0603
0 Ω
37
4
R545, R546, R547, R558
Resistor
0603
4.7 kΩ
38
3
R551, R552, R553
Resistor
0603
1 kΩ
39
1
R559
Resistor
0603
261 Ω
40
2
R566, R567
Resistor
0402
33 Ω
41
3
R582, R585, R598
Resistor
0402
100 Ω
42
2
R583, R584
Resistor
0402
240 Ω
43
1
R586
Resistor
0402
4.12 kΩ
44
3
R580, R587, R588
Resistor
0402
10 kΩ
45
1
R589
Resistor
0603
261 Ω
46
2
R590, R591
Resistor
0402
25 Ω
47
1
R592
Resistor
0402
DNI
48
2
R593, R596
Resistor
0402
0 Ω
49
2
R594, R595
Resistor
0402
10 kΩ
50
1
R597
Resistor
0402
4.3 kΩ
51
1
RP500
Resistor
RCA74204
22 Ω
52
2
RP501, RP502
Resistor
RCA74208
22 Ω
53
1
S1
Switch
Momentary
(normally open)
Panasonic EVQ-PLDA15
2
S500, S501
54
2
S502, S503
Connector
SMAEDGE
SMA edge
right angle
55
2
S504, S505
Connector
SMA200UP
SMA RF 5-pin
upright
2
T500, T501
56
1
T1
Transformer
SM-22
M/A-Com ETC1-1-13
1
T503
57
1
T502
Transformer
CD542
Mini-Circuits ADT1-1WT
58
1
U500
IC
32-pin
LFCSP
Clock
distribution
ADI AD9515BCPZ
59
1
U501
IC
SOT-223
Voltage
regulator
ADI ADP3339AKCZ-5
60
1
U502
IC
SOT-223
Voltage
regulator
ADI ADP3339AKCZ-1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com