Electronic Components Datasheet Search
  English  ▼

X  

AD9246 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9246
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9246 Datasheet HTML 15Page - Analog Devices AD9246 Datasheet HTML 16Page - Analog Devices AD9246 Datasheet HTML 17Page - Analog Devices AD9246 Datasheet HTML 18Page - Analog Devices AD9246 Datasheet HTML 19Page - Analog Devices AD9246 Datasheet HTML 20Page - Analog Devices AD9246 Datasheet HTML 21Page - Analog Devices AD9246 Datasheet HTML 22Page - Analog Devices AD9246 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
AD9246
Rev. A | Page 18 of 44
VREF
SENSE
0.5V
AD9246
REFT
REFB
SELECT
LOGIC
0.1µF
0.1µF
0.1µF
VIN–
VIN+
ADC
CORE
Figure 42. Internal Reference Configuration
VREF
SENSE
0.5V
AD9246
VIN–
VIN+
REFT
REFB
SELECT
LOGIC
0.1µF
0.1µF
R2
R1
0.1µF
ADC
CORE
Figure 43. Programmable Reference Configuration
If the internal reference of the AD9246 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 44 depicts
how the internal reference voltage is affected by loading.
0
–1.25
0
LOAD CURRENT (mA)
2.0
–0.25
–0.50
–0.75
–1.00
0.5
1.0
1.5
VREF = 0.5V
VREF = 1V
Figure 44. VREF Accuracy vs. Load
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics. Figure 45 shows the typical drift characteristics of the
internal reference in both 1 V and 0.5 V modes.
–40
–20
10
0
TEMPERATURE (°C)
8
6
4
2
80
0
204060
VREF = 1V
VREF = 0.5V
Figure 45. Typical VREF Drift
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
resistor divider loads the external reference with an equivalent
6 kΩ load (see Figure 11). In addition, an internal buffer
generates the positive and negative full-scale references for the
ADC core. Therefore, the external reference must be limited to
a maximum of 1 V.
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD9246 sample clock inputs
(CLK+ and CLK−) should be clocked with a differential signal.
The signal is typically ac-coupled into the CLK+ pin and the
CLK− pin via a transformer or capacitors. These pins are biased
internally (see Figure 5) and require no external bias.
Clock Input Options
The AD9246 has a very flexible clock input structure. The clock
input can be a CMOS, LVDS, LVPECL, or sine wave signal.
Regardless of the type of signal used, the jitter of the clock
source is of the most concern (see the Jitter Considerations
section).
Figure 46 shows one preferred method for clocking the
AD9246. A low jitter clock source is converted from single-
ended to a differential signal using an RF transformer. The
back-to-back Schottky diodes across the transformer secondary
limit clock excursions into the AD9246 to approximately
0.8 V p-p differential. This helps prevent the large voltage
swings of the clock from feeding through to other portions of
the AD9246, while preserving the fast rise and fall times of the
signal, which are critical to a low jitter performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com