Electronic Components Datasheet Search
  English  ▼

X  

AD9246 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9246
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9246 Datasheet HTML 20Page - Analog Devices AD9246 Datasheet HTML 21Page - Analog Devices AD9246 Datasheet HTML 22Page - Analog Devices AD9246 Datasheet HTML 23Page - Analog Devices AD9246 Datasheet HTML 24Page - Analog Devices AD9246 Datasheet HTML 25Page - Analog Devices AD9246 Datasheet HTML 26Page - Analog Devices AD9246 Datasheet HTML 27Page - Analog Devices AD9246 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
AD9246
Rev. A | Page 23 of 44
SERIAL PORT INTERFACE (SPI)
The AD9246 serial port interface (SPI) allows the user to
configure the converter for specific functions or operations
through a structured register space provided inside the ADC.
This provides the user added flexibility and customization,
depending on the application. Addresses are accessed via the
serial port and can be written to or read from via the port.
Memory is organized into bytes that are further divided into
fields, as documented in the Memory Map section. For detailed
operational information, see the Interfacing to High Speed ADCs
via SPI User Manual.
CONFIGURATION USING THE SPI
As summarized in Table 13, three pins define the SPI of this ADC.
The SCLK/DFS pin synchronizes the read and write data
presented to the ADC. The SDIO/DCS dual purpose pin allows
data to be sent and read from the internal ADC memory map
registers. The CSB pin is an active low control that enables or
disables the read and write cycles.
Table 13. Serial Port Interface Pins
Pin Name
Function
SCLK/DFS
SCLK (serial clock) is the serial shift clock in. SCLK
synchronizes serial interface reads and writes.
SDIO/DCS
SDIO (serial data input/output) is a dual purpose
pin. The typical role for this pin is an input and
output, depending on the instruction being sent
and the relative position in the timing frame.
CSB
CSB (chip select bar) is an active low control that
gates the read and write cycles.
The falling edge of the CSB, in conjunction with the rising edge
of the SCLK, determines the start of the framing. Figure 57 and
Table 14 provide examples of the serial timing and its definitions.
Other modes involving the CSB are available. The CSB can be
held low indefinitely to permanently enable the device (this is
called streaming). The CSB can stall high between bytes to allow
for additional external timing. When CSB is tied high, SPI
functions are placed in a high impedance mode. This mode
turns on any SPI pin secondary functions.
During an instruction phase, a 16-bit instruction is transmitted.
Data follows the instruction phase, and the length is determined
by the W0 bit and the W1 bit. All data is composed of 8-bit
words. The first bit of each individual byte of serial data
indicates whether a read or write command is issued. This
allows the serial data input/output (SDIO) pin to change
direction from an input to an output.
In addition to word length, the instruction phase determines if
the serial frame is a read or write operation, allowing the serial
port to be used to both program the chip as well as read the
contents of the on-chip memory. If the instruction is a readback
operation, performing a readback causes the serial data input/
output (SDIO) pin to change direction from an input to an
output at the appropriate point in the serial frame.
Data can be sent in MSB- or in LSB-first mode. MSB first is the
default on power up and can be changed via the configuration
register. For more information, see the Interfacing to High Speed
ADCs via SPI User Manual.
Table 14. SPI Timing Diagram Specifications
Name
Description
tDS
Setup time between data and rising edge of SCLK
tDH
Hold time between data and rising edge of SCLK
tCLK
Period of the clock
tS
Setup time between CSB and SCLK
tH
Hold time between CSB and SCLK
tHI
Minimum period that SCLK should be in a logic
high state
tLO
Minimum period that SCLK should be in a logic
low state
HARDWARE INTERFACE
The pins described in Table 13 comprise the physical interface
between the user’s programming device and the serial port of
the AD9246. The SCLK and CSB pins function as inputs when
using the SPI interface. The SDIO pin is bidirectional, functioning
as an input during write phases and as an output during readback.
The SPI interface is flexible enough to be controlled by either
PROM or PIC microcontrollers. This provides the user with the
ability to use an alternate method to program the ADC. One
method is described in detail in the Application Note AN-812,
Microcontroller-based Serial Port Interface Boot Circuit.
When the SPI interface is not used, some pins serve a dual
function. When strapped to AVDD or ground during device
power-on, the pins are associated with a specific function.
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SDIO/DCS and SCLK/DFS pins serve as stand-alone
CMOS-compatible control pins. When the device is powered
up, it is assumed that the user intends to use the pins as static
control lines for the output data format and duty cycle stabilizer
(see Table 10). In this mode, the CSB chip select should be
connected to AVDD, which disables the serial port interface.
For more information, see the Interfacing to High Speed ADCs
via SPI User Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com